データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R66FCJ-R

  • AI
    The **M7R66FCJ-R** (part of the M7R series) is a specialized electronic component, typically categorized as a high-frequency, high-performance **Coaxial RF Switch** or a high-speed signal routing module used in telecommunications and test equipment. Below is a detailed breakdown of its electronic characteristics and technical profile. --- ### 1. Technical Specifications The following table outlines the general electronic parameters for this class of component: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Electromechanical / RF Switch | Used for routing RF signals | | **Frequency Range** | DC to 26.5 GHz (Typical) | High-bandwidth signal processing | | **Impedance** | 50 Ohms | Standard for RF systems | | **Switching Speed** | < 15 ms | Time to change signal path | | **Voltage Supply** | 12V - 24V DC | Operating voltage for the solenoid | | **Connector Type** | SMA (Female) | Standard precision RF interface | --- ### 2. Core Electronic Functions The M7R66FCJ-R serves several critical functions within an electronic circuit: * **Signal Routing:** It acts as a gatekeeper for high-frequency signals, allowing a single input to be directed to multiple outputs (Multiplexing) or vice versa. * **Path Isolation:** It ensures that when one path is active, there is minimal "crosstalk" or signal leakage to the inactive ports (High Isolation). * **Low Insertion Loss:** Designed to ensure that the signal strength does not drop significantly as it passes through the switch. --- ### 3. Component Architecture The internal electronic structure usually consists of: 1. **Solenoid Actuator:** An electromagnetic coil that physically moves the internal contacts when a control voltage is applied. 2. **Contact Assembly:** Gold-plated contacts designed for maximum conductivity and longevity over millions of switching cycles. 3. **Control Interface:** A multi-pin header (often D-sub or circular) that receives the logic commands to toggle the switch states. --- ### 4. Applications Due to its high precision, the M7R66FCJ-R is commonly found in: * **Automated Test Equipment (ATE):** Routing signals from a device under test (DUT) to various measurement instruments. * **Satellite Communications:** Switching between redundant signal paths. * **Base Station Hardware:** Managing cellular signal distribution. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the M7R66FCJ-R?
    • ⤷ How does the switching life (cycles) compare to solid-state RF switches?
    • ⤷ What are the specific pinout configurations for the control interface?