データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R68FAJ-R

  • AI
    The part number **M7R68FAJ-R** refers to a specific type of electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor**. These components are fundamental in power management circuits for energy storage and filtering. --- ### 1. Component Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like **SAGAMI** or similar specialized magnetics producers), the alphanumeric code generally breaks down as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance Value** | Typically 0.68µH (indicated by "R68") | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | | **Construction** | Shielded or Semi-shielded (for EMI reduction) | ### 2. Physical and Technical Attributes These inductors are designed for high-efficiency environments. Key characteristics include: * **Low DC Resistance (DCR):** Minimizes power loss as heat, increasing overall device efficiency. * **High Saturation Current:** Capability to handle high peak currents without the magnetic core losing its inductive properties. * **Magnetic Shielding:** Usually features a magnetic resin or ferrite shield to prevent electromagnetic interference (EMI) with neighboring components on the PCB. * **Compact Footprint:** Designed for modern, space-constrained electronics like smartphones, laptops, and DC-DC converters. ### 3. Common Applications The M7R68FAJ-R is primarily found in the following circuits: 1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators to smooth out current ripples. 2. **Voltage Regulator Modules (VRM):** Found on motherboards and GPU cards to provide stable power to CPUs/GPUs. 3. **Battery Powered Devices:** Essential for power management in tablets, cameras, and portable medical equipment. 4. **Noise Filtering:** Acts as a low-pass filter to block high-frequency noise in power lines. --- ### 4. Typical Internal Structure ```mermaid graph TD A[Terminal Pads] --> B[Copper Wire Coil] B --> C[Ferrite/Metal Composite Core] C --> D[Magnetic Shielding Layer] D --> E[Protective Coating/Marking] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M7R68FAJ-R?
    • ⤷ Can this inductor be substituted with a 1.0uH alternative?
    • ⤷ Which manufacturers are the primary producers of the M7 series inductors?