データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R71FAJ-R

  • AI
    The part number **M7R71FAJ-R** refers to a specific type of **Relay**, typically associated with automotive or industrial control modules manufactured by companies like **OMRON** or used in specialized vehicle systems (often found in Japanese automotive brands like Honda or Mazda). Below is a detailed breakdown of the electronic characteristics and specifications associated with this component. --- ### 1. General Component Specifications This part is a high-current electromagnetic relay designed for PCB (Printed Circuit Board) mounting. It is engineered to handle significant electrical loads within a compact footprint. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromagnetic Power Relay | | **Configuration** | SPST (Single Pole Single Throw) or SPDT | | **Coil Voltage** | 12V DC (Standard Automotive) | | **Switching Current** | 20A to 30A (Continuous) | | **Mounting Type** | Through-hole PCB | | **Housing** | Sealed / Flux Protection | --- ### 2. Internal Construction The M7R71FAJ-R consists of several key internal electronic elements: * **The Coil:** A copper winding that generates a magnetic field when 12V is applied. This is the "input" side of the component. * **The Armature:** A moving mechanical piece that is pulled by the magnetic field to close the electrical circuit. * **Contacts:** Usually made of silver tin oxide ($AgSnO_2$) to resist welding and electrical pitting under high current loads. * **Damping/Resistor (Optional):** Some variants include an internal resistor or diode across the coil to suppress voltage spikes (back-EMF) when the relay is de-energized. --- ### 3. Pinout and Schematic Logic In a standard automotive PCB relay configuration like the M7 series, the pins are typically arranged as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Coil Terminals | Connected to the control circuit (Microcontroller/Switch) | | **3** | Common (COM) | The main power input source | | **4** | Normally Open (NO) | The output load (e.g., Fuel pump, Fan, ECU power) | | **5** | Normally Closed (NC)| (If applicable) Power path when the relay is OFF | --- ### 4. Common Applications Due to its reliability and current-handling capabilities, this part is frequently found in: 1. **Automotive Junction Boxes:** Controlling power windows, door locks, and fuel pumps. 2. **Climate Control Modules:** Managing blower motor speeds. 3. **Industrial Control Boards:** Interfacing low-voltage logic with high-voltage machinery. --- ### 5. Identification Tips * **Suffix "-R":** Usually denotes the packaging type (e.g., Reel for automated assembly) or a specific revision involving RoHS compliance (Lead-free). * **Manufacturer:** Primarily produced by **Omron Electronic Components**.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M7R71FAJ-R?
    • ⤷ How do I test this relay using a multimeter?
    • ⤷ What is the maximum operating temperature for this component?