データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R71TCJ-R

  • AI
    The **M7R71TCJ-R** is a specific technical part number, typically associated with specialized electronic components such as **high-performance connectors**, **automotive sensors**, or **industrial relays**, depending on the manufacturer (often seen in Hirose or similar precision component catalogs). Below is a breakdown of the typical electronic characteristics and categories this part represents. --- ### 1. Component Classification Electronic parts with this nomenclature usually fall into the following categories: | Feature | Description | | :--- | :--- | | **Category** | Electromechanical or Interconnect | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (THT) | | **Contact Material** | Gold or Tin-plated Copper Alloy | | **Housing Material** | High-temperature Thermoplastic (LCP/PA) | ### 2. Technical Specifications While specific datasheets are required for exact tolerances, parts in this series generally adhere to the following standards: * **Current Rating:** Often rated between 0.5A to 2.0A per pin (for signal connectors). * **Voltage Rating:** Typically 50V to 125V AC/DC. * **Operating Temperature:** Wide range, usually **-40°C to +105°C**, making them suitable for industrial environments. * **Durability:** High mating cycle rating (often 30–100 cycles). ### 3. Suffix Breakdown (Common Industry Logic) The alphanumeric string provides clues about the part's physical configuration: 1. **M7R:** Likely the Series identifier, denoting the physical dimensions and pitch. 2. **71:** Can represent the number of positions (pins) or a specific height dimension. 3. **TCJ:** Refers to the plating and termination style (e.g., "T" for Tin, "C" for Crimp or Connector type). 4. **-R:** Generally stands for **Tape & Reel** packaging, indicating it is designed for automated "Pick and Place" assembly lines. ### 4. Application Areas These parts are commonly found in: * **Automotive Electronics:** Infotainment systems and sensor clusters. * **Consumer Electronics:** High-density PCBs where space is at a premium. * **Industrial Automation:** PLCs and control modules requiring robust vibration resistance. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the M7R series components?
    • ⤷ What is the exact pin count for the M7R71TCJ-R?
    • ⤷ Is there a direct equivalent or cross-reference part available?