データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R75TAJ-R

  • AI
    The **M7R75TAJ-R** is a specific technical part number often associated with automotive electronics, specifically related to **transmission control modules (TCM)** or internal transmission sensor harnesses for heavy-duty or passenger vehicles. Below is a breakdown of the electronic components and functional characteristics associated with this part type. --- ## 1. Component Overview Parts in this category are typically **Internal Wire Harnesses** or **Sensor Arrays** used within automatic transmissions. They act as the "nervous system" of the gearbox, connecting the external controller to the internal actuators and sensors. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Transmission Internal Wire Harness / Sensor Assembly | | **Material** | High-temperature resistant polymer (PA66 or similar) | | **Connectivity** | Multi-pin connectors for Solenoids and Speed Sensors | | **Environment** | Designed for immersion in ATF (Automatic Transmission Fluid) | | **Operating Temp** | -40°C to +150°C | --- ## 2. Key Electronic Parts & Functions The assembly consists of several critical electronic sub-components: ### A. Speed Sensors * **Input Speed Sensor (ISS):** Measures the RPM of the input shaft. * **Output Speed Sensor (OSS):** Measures the RPM of the output shaft to determine vehicle speed and gear ratio consistency. * **Technology:** Usually Hall Effect sensors or Inductive pickups that generate a square wave or AC signal. ### B. Thermistor (Temperature Sensor) * An integrated NTC (Negative Temperature Coefficient) resistor. * **Purpose:** Monitors the temperature of the transmission fluid to protect the system from overheating and to adjust shift timing based on fluid viscosity. ### C. Solenoid Interfaces * The harness provides the electrical path for the **Pulse Width Modulation (PWM)** signals sent by the TCM to the shift solenoids and pressure control solenoids. --- ## 3. Common Applications This specific numbering convention is frequently found in high-performance or heavy-duty transmission systems, such as: 1. **7-Speed Automatic Transmissions:** Providing feedback loops for clutch engagement. 2. **TCM Integration:** Serving as the bridge between the external computer and the internal hydraulic valves. --- ## 4. Maintenance and Failure Modes Because these parts operate in a harsh environment (high heat and chemical exposure), they are prone to specific electronic failures: * **Brittle Insulation:** Heat causes the plastic housing to crack, leading to short circuits in the ATF. * **Sensor Drift:** The thermistor or speed sensors may lose calibration, causing "Limp Mode." * **Connector Corrosion:** Pin oxidation can lead to intermittent communication codes (P-codes).
    ✨ Follow-up Questions
    • ⤷ What are the common OBD-II error codes associated with this part?
    • ⤷ Is this part compatible with Allison or ZF transmission systems?
    • ⤷ How do you test the resistance of the integrated thermistor?