データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7R76FCJ-R

  • AI
    The **M7R76FCJ-R** refers to a high-performance **eMMC (embedded MultiMediaCard)** storage module, typically manufactured by **SK Hynix**. This electronic component is an integrated storage solution used extensively in mobile devices, automotive systems, and embedded hardware. --- ## Technical Specifications The M7R76FCJ-R is designed to provide non-volatile storage in a compact BGA (Ball Grid Array) package. Below are the typical technical parameters for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | eMMC (NAND Flash + Controller) | | **Interface** | eMMC 5.1 / 5.0 | | **Capacity** | Typically 16GB or 32GB (Specific to density code) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Voltage (VCC)** | 2.7V – 3.6V (Core) | | **Voltage (VCCQ)** | 1.70V – 1.95V / 2.7V – 3.6V (I/O) | | **Data Rate** | Up to 400 MB/s (HS400 mode) | | **Operating Temp** | -25°C to +85°C (Standard) / -40°C to +105°C (Automotive) | --- ## Architecture and Components The "R" suffix and "FCJ" series code indicate a multi-chip package that combines two primary electronic functional blocks: ### 1. NAND Flash Memory This is the physical storage medium. It uses **3D NAND** (or high-density 2D NAND) technology to store data even when power is removed. It is organized into pages and blocks. ### 2. Integrated Controller Unlike raw NAND, the M7R76FCJ-R includes an internal controller that manages: * **Flash Management:** Wear leveling, bad block management, and garbage collection. * **Error Correction (ECC):** Automatically detects and fixes data bit errors. * **Interface Logic:** Translates the standard eMMC protocol commands from the CPU into physical NAND operations. --- ## Pinout and Physical Characteristics The part uses a **BGA153** or **BGA169** layout. Because it is a surface-mount device (SMD), it is soldered directly to the PCB. * **DAT[0-7]:** 8-bit bidirectional data bus. * **CMD:** Command line for host-device communication. * **CLK:** Clock signal for synchronization. * **VCC/VCCQ:** Power supply pins for the logic and the memory cells. --- ## Common Applications * **Smartphones & Tablets:** Main OS and user data storage. * **Automotive Infotainment:** Storing maps, OS logs, and media. * **Smart TVs:** Storing firmware and application data. * **IoT Gateways:** High-reliability industrial data logging.
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M7R76FCJ-R variant?
    • ⤷ Is this part compatible with the eMMC 5.1 HS400 protocol?
    • ⤷ What are the recommended reflow soldering profiles for this BGA package?