AI

The part number **M7R78FCJ-R** refers to a specific series of high-performance magnetic components, typically associated with **TDK** or similar power electronics manufacturers. This part is commonly used as a **Power Inductor** or a **Choke**, primarily found in automotive and high-reliability industrial applications.
---
### 1. General Specifications
While specific datasheets are often proprietary to OEM suppliers, parts in this series generally follow these specifications:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Inductor / SMD Shielded Choke |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Ferrite Core with Metal Shielding |
| **Application** | DC-DC Converters, Automotive ECU, Infotainment |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Key Electronic Functions
These parts are designed to handle high current and provide noise suppression. Their primary roles include:
1. **Energy Storage:** In switching regulators (DC-DC converters), the inductor stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripple current and protecting sensitive downstream components from electrical noise.
3. **EMI Suppression:** The "FCJ" series often indicates a shielded design, which minimizes Electromagnetic Interference (EMI) to surrounding circuits.
---
### 3. Part Number Breakdown (Typical)
While nomenclature varies by manufacturer, the code usually breaks down as follows:
* **M7:** Often denotes the series or frame size (Physical dimensions).
* **R78:** Typically represents the **Inductance Value**. For example, 78 might refer to 0.78µH or 7.8µH depending on the multiplier code.
* **FCJ:** Refers to the internal construction material (Ferrite core type) and the tolerance class.
* **-R:** Indicates that the part is supplied on a **Tape & Reel** for automated assembly.
---
### 4. Technical Characteristics
```yaml
Electrical_Properties:
Saturation_Current: High (Designed to prevent core saturation at peak loads)
DC_Resistance: Low (To minimize power loss and heat generation)
Operating_Temperature: -40°C to +125°C or +150°C (Automotive grade)
Shielding: Magnetic shielding to prevent flux leakage
```
---
### 5. Application Areas
* **Automotive:** LED Headlights, ADAS modules, and Engine Control Units.
* **Industrial:** High-efficiency power supplies and PLC controllers.
* **Consumer:** High-end laptops and servers requiring stable voltage regulation modules (VRMs).
- ⤷What is the exact inductance value of the R78 code?
- ⤷ What are the physical dimensions of the M7 frame size?
- ⤷ Is this part AEC-Q200 qualified for automotive use?