データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S11FDJ-R

  • AI
    The **M7S11FDJ-R** is a specific part number belonging to a series of high-precision oscillators or specialized semiconductor components (often associated with clock generators or programmable oscillators by manufacturers like TXC or similar electronic component providers). Below is a breakdown of the electronic characteristics and specifications typical for this component class. ### 1. General Specifications These components are designed for stability and timing in high-speed digital circuits. | Feature | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (SPXO or Programmable) | | **Package Type** | Surface Mount Device (SMD) | | **Standard Dimensions** | Typically 7.0 x 5.0 mm or 5.0 x 3.2 mm | | **Output Type** | CMOS / LVPECL / LVDS (Depending on sub-variant) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Technical Attributes The alphanumeric code "M7S" usually refers to the series family, while the suffix "11FDJ-R" defines the operational parameters: #### A. Frequency Stability The part is engineered to maintain a consistent frequency even under temperature fluctuations. It typically offers stability in the range of **±25ppm to ±50ppm**, making it suitable for networking and telecommunications. #### B. Supply Voltage These parts generally operate on standard logic levels: * **3.3V** (Most common for the 'S' series) * **2.5V** (Low power variants) #### C. Operating Temperature Range The "J" or "D" designators often indicate an industrial temperature grade: * **Standard:** -10°C to +70°C * **Industrial:** -40°C to +85°C --- ### 3. Pin Configuration (Typical 4-6 Pin Layout) If this is a standard SMD oscillator, the pinout follows this general logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | Output Enable (High = Active) or No Connection | | **2** | GND | Ground Connection | | **3** | Output | Frequency Signal Output | | **4** | VDD | Power Supply Voltage | --- ### 4. Common Applications Due to its precision, the M7S11FDJ-R is frequently found in: 1. **Ethernet Switches:** Providing the heartbeat for data packet processing. 2. **Fiber Optic Modules:** Timing for high-speed optical transceivers. 3. **Industrial Controllers:** Ensuring synchronized operations in PLC systems. 4. **Consumer Electronics:** High-end audio or video processing units. --- ### 5. Part Number Breakdown (Example Logic) While manufacturers vary slightly, the nomenclature usually follows this pattern: * **M7S:** Series Identifier (e.g., CMOS Output 7x5mm). * **11:** Voltage/Frequency Code. * **F:** Frequency Stability indicator. * **D:** Temperature Range indicator. * **J:** Symmetry/Duty Cycle indicator. * **R:** Tape & Reel Packaging.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the M7S11FDJ-R variant?
    • ⤷ Which manufacturers produce compatible equivalents for this part?
    • ⤷ How do I test the output signal of this oscillator using an oscilloscope?