データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S12FDJ-R

  • AI
    The **M7S12FDJ-R** is a high-performance **Crystal Oscillator** manufactured by **TXC Corporation**. It belongs to the M7 series, which is specifically designed for high-frequency applications requiring low jitter and high stability. --- ## 1. Technical Specifications Below is a summary of the core electronic characteristics of the M7S12FDJ-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | XO (Standard Crystal Oscillator) | | **Frequency** | 125.000000 MHz (Typical for FDJ code) | | **Output Logic** | LVDS (Low-Voltage Differential Signaling) | | **Supply Voltage (Vcc)** | 2.5V / 3.3V | | **Frequency Stability** | ±50 ppm (Standard for this series) | | **Operating Temp Range** | -40°C to +85°C (Industrial Grade) | | **Package Size** | 7.0 x 5.0 x 1.6 mm (6 pads) | --- ## 2. Key Electronic Features ### A. LVDS Output The "FDJ" designation typically points to an **LVDS output**. * **Advantage:** LVDS provides excellent noise immunity and low electromagnetic interference (EMI). * **Performance:** It allows for high-speed data transmission with very low power consumption compared to older logic types like PECL. ### B. Phase Jitter The M7 series is categorized as a **Low Jitter** oscillator. * It usually achieves less than **1 ps (picosecond)** integrated phase jitter (12 kHz to 20 MHz). * This makes it ideal for high-speed serial communications where timing precision is critical to avoid bit errors. ### C. Package Architecture The device uses a 6-pad ceramic package. The pinout configuration generally follows this standard: 1. **OE (Output Enable)** or No Connect 2. **No Connect** 3. **GND (Ground)** 4. **Output (Positive)** 5. **Output (Complementary/Negative)** 6. **Vcc (Supply Voltage)** --- ## 3. Common Applications Due to its high frequency and differential output, this part is commonly used in: * **Networking:** Gigabit Ethernet (10G/40G/100G) and Fiber Channels. * **Computing:** High-end servers and storage area networks (SAN). * **Telecommunications:** Base stations and optical transmission equipment. * **FPGA Clocking:** Providing a stable reference clock for high-speed FPGA transceivers. --- ## 4. Part Number Breakdown (Typical TXC Syntax) While internal codes vary, the "M7S" prefix identifies the specific high-frequency differential series, "12" often relates to the voltage or specific frequency group, and "-R" indicates that the part is supplied on **Tape & Reel** for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific layout requirements for LVDS differential traces for this part?
    • ⤷ How does the OE (Output Enable) pin affect power consumption?
    • ⤷ What are the alternatives to the M7S series if I need lower power consumption?