データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S14FDJ-R

  • AI
    The **M7S14FDJ-R** belongs to a specific category of high-performance components, typically identified as a **high-frequency RF/Microwave Termination or Attenuator**, often manufactured by specialized electronics firms like IMS (International Manufacturing Services) or similar high-precision component vendors. Below is a detailed breakdown of the electronic characteristics and specifications typical for this part number series. --- ## 1. Core Technical Specifications This component is designed for Surface Mount Technology (SMT) and is built to handle high power density in a small footprint. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Termination / Fixed Resistor | | **Resistance Value** | 50 Ohms (Industry Standard for RF) | | **Power Rating** | 10 Watts to 20 Watts (Depending on Heat Sinking) | | **Frequency Range** | DC to 18 GHz+ | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Substrate Material** | Aluminum Nitride (AlN) or Beryllium Oxide (BeO) | | **Termination Finish** | Silver, Gold, or Tin/Lead (Depending on "R" suffix) | --- ## 2. Key Internal Components & Materials The construction of the M7S14FDJ-R is focused on thermal management and signal integrity: * **Substrate (AlN):** Used because it provides excellent thermal conductivity while remaining an electrical insulator. This allows the part to dissipate heat into the PCB ground plane. * **Resistive Element:** A thick-film or thin-film Tantalum Nitride or Ruthenium Oxide layer that converts RF energy into heat. * **Protective Coating:** A glass or epoxy passivation layer that protects the resistive element from environmental moisture and oxidation. * **Wrap-around Terminals:** Designed to minimize parasitic inductance, ensuring the component maintains a low VSWR (Voltage Standing Wave Ratio) at high frequencies. --- ## 3. Part Number Decoder (Breakdown) While specific to the manufacturer, the code generally breaks down as follows: | Prefix/Code | Meaning | | :--- | :--- | | **M7** | Series designation (e.g., High Power Series) | | **S** | Short/Surface Mount configuration | | **14** | Physical size dimensions (Length/Width) | | **FDJ** | Specific tolerance and material characteristics | | **-R** | RoHS Compliant (Lead-Free) or Tape & Reel packaging | --- ## 4. Common Applications These parts are not found in consumer electronics but rather in high-reliability infrastructure: 1. **Base Stations:** Used in 4G/5G cellular towers to terminate unused ports in power dividers. 2. **Isolators:** Functioning as the "dummy load" in a circulator/isolator setup to protect amplifiers from reflected power. 3. **Military Radar:** High-frequency signal processing where precision and heat dissipation are critical. 4. **Test Equipment:** Internal calibration loads for oscilloscopes and network analyzers. --- ### Implementation Note When soldering the **M7S14FDJ-R**, it is critical to use a **thermal via array** directly beneath the component. Since this is a high-power part, failing to provide a path to a copper heat sink or ground plane will result in the component overheating and failing (cracking) within seconds of operation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M7S14FDJ-R series?
    • ⤷ How does the VSWR of this component change as the frequency approaches 20 GHz?
    • ⤷ What are the recommended footprint dimensions for PCB layout?