データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S16FDJ-R

  • AI
    The **M7S16FDJ-R** is a high-performance, automotive-grade Solid State Drive (SSD) module produced by **KIOXIA** (formerly Toshiba Memory). It is specifically designed to meet the rigorous demands of automotive environments, such as In-Vehicle Infotainment (IVI), ADAS (Advanced Driver Assistance Systems), and digital cockpits. --- ## 1. Technical Specifications The following table highlights the core electronic and architectural characteristics of the M7S16FDJ-R: | Feature | Specification | | :--- | :--- | | **Interface** | PCIe Gen3 x4 (NVMe 1.3a) | | **Capacity** | 160 GB (Common configuration for M7S series) | | **Flash Type** | BiCS FLASH™ (3D Flash Memory) | | **Package Type** | BGA (Ball Grid Array) | | **Operating Temp** | -40°C to +105°C (Automotive Grade 2) | | **AEC-Q100** | Compliant | --- ## 2. Key Electronic Components & Features ### A. Non-Volatile Memory (NAND) The device utilizes KIOXIA’s proprietary **BiCS FLASH™** technology. This 3D structure allows for higher density and reliability compared to traditional 2D planar NAND. In automotive applications, this specific flash is tuned for high endurance to handle frequent read/write cycles from navigation data and OS logging. ### B. NVMe Controller The integrated controller manages data flow over the **PCIe (Peripheral Component Interconnect Express)** bus. * **Performance:** By using the NVMe protocol, it reduces latency compared to older eMMC or SATA interfaces. * **Error Correction (ECC):** It includes hardware-level ECC to maintain data integrity against radiation-induced bit-flips or thermal noise. ### C. Thermal Management As an automotive part, the M7S16FDJ-R includes advanced thermal throttling mechanisms. If the ambient temperature exceeds 105°C, the controller automatically adjusts performance to prevent physical damage to the NAND cells. --- ## 3. Connectivity Pinout (BGA Architecture) Because this is a **BGA SSD**, it is soldered directly to the PCB. The electrical interface involves: 1. **Differential Pairs:** Used for high-speed data transmission (PCIe Lanes). 2. **REFCLK:** A 100MHz reference clock signal essential for synchronization. 3. **Power Rails:** Typically requires multiple voltage inputs (e.g., 1.2V, 1.8V, and 3.3V) to power the controller and the NAND logic. 4. **Sideband Signals:** Includes `PERST#` (Fundamental Reset), `CLKREQ#` (Clock Request), and `WAKE#`. --- ## 4. Why it differs from Consumer SSDs * **Vibration Resistance:** The BGA form factor eliminates mechanical connectors that could fail due to vehicle vibration. * **Data Refresh:** It features background data refresh algorithms to prevent "data retention" issues caused by long-term exposure to high heat. * **Longevity:** KIOXIA provides extended support and fixed BOM (Bill of Materials) for automotive parts, ensuring the electronics do not change during a vehicle's 10-year production cycle.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M7S series in active vs idle modes?
    • ⤷ How does BiCS FLASH technology improve reliability in extreme temperature environments?
    • ⤷ What is the physical footprint/dimensions of the BGA package for the M7S16FDJ-R?