データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S18FCJ-R

  • AI
    The **M7S18FCJ-R** is a specific surface-mount electronic component, typically categorized as a **Schottky Barrier Diode**. These components are widely used in power management and signal processing due to their low forward voltage drop and high switching speeds. --- ### 1. Key Technical Specifications The following table outlines the general electrical characteristics associated with this part number (based on standard M7 series Schottky specifications): | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Diode | Fast switching, low energy loss | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 100V - 1000V | Depends on specific sub-series (M7 usually refers to 1kV) | | **Forward Current ($I_F$)** | 1.0 Amp | Maximum continuous current | | **Forward Voltage ($V_F$)** | ~1.1V @ 1.0A | Lower voltage drop compared to standard diodes | | **Package Type** | SMA (DO-214AC) | Surface mount package | | **Operating Temperature** | -55°C to +150°C | Robust for industrial use | --- ### 2. Functional Description The M7S18FCJ-R serves three primary roles in electronic circuits: 1. **Rectification:** Converting AC (Alternating Current) to DC (Direct Current) in small power supplies. 2. **Freewheeling:** Protecting sensitive components from "inductive kickback" when switching motors or relays. 3. **Reverse Polarity Protection:** Preventing damage to a circuit if a battery or power source is connected backwards. --- ### 3. Package and Dimensions The "FCJ-R" suffix often refers to the manufacturer's specific packaging style (e.g., Tape and Reel) and lead-free compliance. * **Package Body:** SMA / DO-214AC * **Mounting Type:** Surface Mount (SMD) * **Material:** Molded plastic with UL 94V-0 flammability rating. --- ### 4. Typical Applications * **Mobile Chargers:** High-frequency rectification. * **DC-DC Converters:** Used in the output stage for efficiency. * **LED Drivers:** Providing stable current flow. * **Battery Management Systems (BMS):** Blocking reverse current flow. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an M7 Schottky diode and a standard 1N4007 diode?
    • ⤷ How does the 'Tape and Reel' packaging affect automated PCB assembly?
    • ⤷ What are the thermal considerations when using the M7S18FCJ-R at its maximum current?