データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S26FDJ-R

  • AI
    Based on the part number provided, the **M7S26FDJ-R** is a high-performance, automotive-grade **Serial NOR Flash Memory** component, typically manufactured by Macronix (MXIC). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Type** | NOR Flash | | **Storage Capacity** | 256 Megabit (32 Megabytes) | | **Interface** | Serial Peripheral Interface (SPI) / Multi-I/O (Dual/Quad SPI) | | **Operating Voltage** | 2.7V to 3.6V (Standard 3.3V) | | **Clock Frequency** | Up to 133MHz (Fast Read) | | **Operating Temperature** | Automotive Grade (usually -40°C to +105°C or +125°C) | --- ## 2. Key Architectural Features ### High-Speed Performance The "FDJ" designation indicates support for high-speed protocols. It is designed to handle **DTR (Double Transfer Rate)** modes, allowing data to be sampled on both the rising and falling edges of the clock signal, doubling the throughput without increasing the frequency. ### Security and Reliability * **Write Protection:** Includes hardware and software protection features to prevent accidental data corruption. * **AEC-Q100 Compliance:** Being an "R" suffix or specific automotive series, it is qualified for high-reliability environments like Advanced Driver Assistance Systems (ADAS) or infotainment. * **Endurance:** Typically rated for 100,000 Program/Erase cycles per sector. ### Power Efficiency * **Deep Power Down Mode:** Features an ultra-low current state (typically <10µA) to preserve battery life in automotive standby modes. * **Fast Wake-up:** Optimized to return to an active state quickly for instant-on applications. --- ## 3. Physical Packaging & Pinout The device usually comes in an **8-pin SOP (Small Outline Package)** or **8-land WSON (Very-Very Thin Small Outline No-lead Package)**. ### Typical Pin Configuration 1. **CS#:** Chip Select (Input) 2. **SO/SIO1:** Serial Data Output / I/O 1 3. **WP#/SIO2:** Write Protect / I/O 2 4. **GND:** Ground 5. **SI/SIO0:** Serial Data Input / I/O 0 6. **SCLK:** Serial Clock (Input) 7. **HOLD#/RESET#/SIO3:** Hold/Reset / I/O 3 8. **VCC:** Power Supply --- ## 4. Common Applications * **Automotive:** Dashboard clusters, telematics, and navigation systems. * **Industrial:** High-reliability embedded controllers and sensors. * **Computing:** BIOS or UEFI storage for motherboards and servers.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the M7S and MX25 series of Macronix flash?
    • ⤷ How do I implement the DTR (Double Transfer Rate) mode in firmware?
    • ⤷ Is this part compatible with a standard 1.8V SPI bus?