データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S31FDJ-R

  • AI
    The **M7S31FDJ-R** is a specific part number typically associated with **M.2 Solid State Drives (SSDs)**, often manufactured by companies like **Union Memory** (a common OEM supplier for Lenovo and other laptop brands). This component is a high-performance storage module designed for modern computing environments. --- ### 1. Component Overview The M7S31FDJ-R is a Non-Volatile Memory Express (NVMe) SSD. Unlike traditional hard drives, it uses NAND flash memory to store data, providing significantly faster read/write speeds and better durability. ### 2. Technical Specifications While specific internal controllers can vary by batch, the general specifications for this part class include: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm wide, 80mm long) | | **Interface** | PCIe Gen 3 x4 or Gen 4 x4 (Model dependent) | | **Protocol** | NVMe (Non-Volatile Memory Express) | | **Storage Type** | 3D TLC NAND Flash | | **Capacity** | Typically 256GB / 512GB (Varies by suffix) | --- ### 3. Key Electronic Sub-systems The "electronic parts" within this module consist of several critical integrated circuits (ICs) mounted on a single PCB: 1. **SSD Controller:** * The "brain" of the device. It manages data placement, error correction (ECC), wear leveling, and communication with the host computer. 2. **NAND Flash Chips:** * The storage cells where data is physically kept. The M7S series usually employs **3D TLC (Triple-Level Cell)** technology, which stacks memory cells vertically to increase density. 3. **Power Management IC (PMIC):** * Regulates the voltage from the motherboard (3.3V) to the lower voltages required by the controller and NAND chips. 4. **DRAM Cache (Optional):** * Higher-end versions may include a dedicated DRAM chip for mapping tables, though many OEM models are "DRAM-less" and use Host Memory Buffer (HMB) technology to save costs. --- ### 4. Common Use Cases * **OEM Laptops:** Primarily found as the factory-installed boot drive in Lenovo ThinkPad or IdeaPad series. * **Performance Upgrades:** Used to replace slower SATA SSDs or HDDs in compatible M.2 slots. * **Embedded Systems:** Used in industrial PCs that require fast data access and vibration resistance. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NVMe and SATA M.2 drives?
    • ⤷ How do I check if my motherboard is compatible with the M7S31FDJ-R?
    • ⤷ What are the typical read/write speeds for this specific model?