データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S42FDJ-R

  • AI
    The **M7S42FDJ-R** is a specific part number typically associated with **TDK-Lambda** or similar power supply manufacturers. It represents a high-density, isolated **DC-DC Converter** module, often used in telecommunications, industrial equipment, and distributed power architectures. --- ### 1. Key Technical Specifications Based on standard industry naming conventions for this series, here are the likely technical parameters: | Feature | Description | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter (Step-down/Buck) | | **Input Voltage Range** | Typically 36V – 75V DC (48V Nominal) | | **Output Voltage** | Often fixed (e.g., 12V, 5V, or 3.3V depending on the sub-revision) | | **Form Factor** | Low profile, Surface Mount (SMD) or Through-hole | | **Efficiency** | High efficiency (typically >90%) | | **Isolation** | Input-to-output galvanic isolation | --- ### 2. Functional Blocks The internal electronic architecture of the M7S42FDJ-R generally includes the following sections: #### A. Input Filtering Contains capacitors and inductors (EMI filters) to suppress high-frequency noise and protect the unit from input voltage spikes. #### B. PWM Controller The "brain" of the module. It regulates the output voltage by adjusting the duty cycle of the internal MOSFETs based on a feedback loop. #### C. Power Stage (MOSFETs & Transformer) * **Switching MOSFETs:** High-speed transistors that chop the DC input into a high-frequency AC signal. * **Isolation Transformer:** Provides the physical barrier between input and output while stepping down the voltage. #### D. Synchronous Rectification Instead of standard diodes, this part uses active MOSFETs on the output side to reduce power loss and heat generation, leading to its high efficiency. --- ### 3. Pinout and Control Features Common electronic features found on these modules include: * **Remote On/Off:** Allows a microcontroller to enable or disable the power supply. * **Trim Pin:** Allows the user to adjust the output voltage slightly (usually ±10%) using an external resistor. * **Remote Sense:** Compensates for voltage drops across long PCB traces to ensure accurate voltage at the load. * **Protection Circuits:** * **OTP:** Over Temperature Protection. * **OCP:** Over Current Protection (Short circuit protection). * **UVLO:** Under-Voltage Lockout (Prevents operation if input power is too low). --- ### 4. Application Example ```python # Conceptual logic for monitoring the M7S42FDJ-R status in a system def check_power_module(input_voltage, status_pin): UVLO_THRESHOLD = 36.0 if input_voltage < UVLO_THRESHOLD: return "System Shutdown: Low Input Voltage" if status_pin == "HIGH": return "Module Operational" else: return "Module Fault Detected" ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage and current rating for the M7S42FDJ-R?
    • ⤷ How does the 'Trim' function work electrically in this DC-DC converter?
    • ⤷ What are the recommended thermal management strategies for this module?