データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S44FDJ-R

  • AI
    The **M7S44FDJ-R** is a specific part number typically associated with **NAND Flash Memory** modules, specifically belonging to the **eMMC (Embedded MultiMediaCard)** category manufactured by Micron Technology. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M7S44FDJ-R is an integrated storage solution that combines NAND flash memory with an intelligent controller, simplifying the interface for the host processor. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Micron Technology | | **Type** | eMMC (Embedded MultiMediaCard) | | **Storage Capacity** | 4GB (Typical for this series) | | **Interface** | eMMC 5.0 / 5.1 | | **Package Type** | VFBGA (Variable-pitch Fine-pitch Ball Grid Array) | | **Operating Voltage** | 1.8V (Vccq) / 3.3V (Vcc) | --- ### 2. Internal Architecture The part consists of three primary electronic layers integrated into a single package: * **NAND Flash Array:** The physical storage cells (likely MLC or SLC-mode depending on the specific revision) where data is stored. * **Integrated Controller:** Manages logical-to-physical address mapping, wear leveling, and error correction (ECC). * **Host Interface:** Uses the standard MMC protocol, allowing it to be treated as a block device by the operating system. --- ### 3. Key Electronic Features * **Wear Leveling:** Automatically distributes write/erase cycles across the memory cells to prevent premature failure of specific sectors. * **Bad Block Management:** Identifies and "retires" faulty memory blocks during the manufacturing process and throughout the device's lifespan. * **High-Speed Data Transfer:** Supports High-Speed (HS200/HS400) modes, enabling data rates up to 400 MB/s under the eMMC 5.1 standard. * **Power Management:** Optimized for mobile and embedded devices with low-power sleep modes and deep power-down states. --- ### 4. Application Areas Because of its small footprint and integrated controller, the M7S44FDJ-R is commonly found in: 1. **Industrial PCs:** Reliable boot drives for IoT gateways. 2. **Automotive Infotainment:** Storage for maps and OS files. 3. **Consumer Electronics:** Smart TVs, tablets, and set-top boxes. --- ### 5. Pin Configuration (Typical VFBGA) The physical interface uses a grid of solder balls. A simplified representation of the signal groups: | Signal Group | Description | | :--- | :--- | | **DAT[0-7]** | 8-bit bidirectional data bus | | **CMD** | Command line for host-device communication | | **CLK** | Clock signal for synchronization | | **Vcc / Vccq** | Power supply for NAND and I/O logic | | **Vss** | Ground connections |
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M7S44FDJ-R variant?
    • ⤷ How does the HS400 mode in eMMC 5.1 improve performance compared to older versions?
    • ⤷ What are the soldering requirements for the VFBGA package used in this part?