M7S46TCJ-R
AI

The **M7S46TCJ-R** is a specific technical part number, typically associated with high-precision **Quartz Crystal Oscillators**. These components are fundamental in electronics for generating stable clock frequencies required by microprocessors and communication interfaces.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the M7S series (often manufactured by companies like **KDS Daishinku Corp**), here are the typical technical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | SPXO | Simple Packaged Crystal Oscillator |
| **Package Size** | 7.0 x 5.0 mm | Standard SMD (Surface Mount Device) footprint |
| **Output Type** | CMOS | Complementary Metal-Oxide-Semiconductor logic |
| **Supply Voltage** | 3.3V / 5.0V | Typical operating voltage range |
| **Frequency Stability** | ±50ppm to ±100ppm | Variation over temperature/time |
| **Termination** | RoHS Compliant | Lead-free construction (indicated by "-R") |
---
### 2. Functional Breakdown
#### A. The Quartz Crystal
At the heart of the M7S46TCJ-R is a precision-cut quartz wafer. When an electric field is applied, it vibrates at a specific mechanical resonance frequency. This provides the "heartbeat" for the electronic circuit.
#### B. Integrated Circuit (IC)
Unlike a simple 2-pin crystal, this is an **Oscillator**. It contains an internal IC that:
* Provides the oscillation circuitry.
* Buffers the output signal to ensure it can drive other components.
* Regulates the signal into a clean square wave (CMOS output).
#### C. Pin Configuration
Typically, these 4-pad SMD devices follow a standard pinout:
1. **Pin 1 (OE/NC):** Output Enable (allows the clock to be turned on/off) or No Connection.
2. **Pin 2 (GND):** Ground connection.
3. **Pin 3 (OUT):** The actual clock signal output.
4. **Pin 4 (Vcc):** DC Power supply.
---
### 3. Common Applications
Because of its size and reliability, the M7S series is frequently used in:
* **Networking Gear:** Routers, switches, and modems.
* **Industrial Control:** PLCs and automation sensors.
* **Computing:** Motherboards and peripheral controllers.
* **Consumer Electronics:** Digital cameras and audio interfaces.
---
### 4. Identification of the Suffixes
* **M7S:** Series designation (7.0 x 5.0 mm size).
* **TCJ:** Specific internal coding for frequency stability and temperature range.
* **-R:** Generally indicates **RoHS compliance** or **Tape & Reel** packaging for automated assembly.
- ⤷
What is the specific frequency of the M7S46TCJ-R model?
- ⤷ How does a CMOS output differ from a TTL output in oscillators?
- ⤷ What are the alternatives to 7.0x5.0mm crystal packages for smaller PCBs?