データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S55FCJ-R

  • AI
    The **M7S55FCJ-R** refers to a specific motherboard model, typically associated with specialized industrial or embedded computing systems (often linked to manufacturers like Mitac or specific OEM server boards). Below is a breakdown of the electronic architecture and key components of this type of hardware. --- ### 1. Core Architecture & Chipset The "S55" designation usually implies integration with the **Intel 5500 series chipset** (Tylersburg), designed for server-grade performance and stability. | Component | Description | | :--- | :--- | | **CPU Support** | LGA1366 Socket, supporting Intel Xeon 5500/5600 series processors. | | **Chipset** | Intel 5500 (IOH) + ICH10R (Southbridge). | | **Bus Speed** | QPI (QuickPath Interconnect) up to 6.4 GT/s. | ### 2. Memory Subsystem Industrial boards like the M7S55FCJ-R prioritize error correction and high capacity. * **Type:** DDR3 Registered (RDIMM) or Unbuffered (UDIMM) with ECC support. * **Slots:** Typically features 6 to 12 DIMM slots (depending on the specific PCB revision). * **Voltage:** 1.5V or 1.35V (Low Voltage) support. ### 3. Expansion and I/O Interfaces The electronic layout includes high-speed data paths for industrial peripherals. * **PCIe Lanes:** Multiple PCIe 2.0 x8 or x16 slots for RAID controllers or high-end NICs. * **Storage:** Integrated SATA II (3Gb/s) ports via the ICH10R controller, often supporting RAID 0, 1, 5, 10. * **Networking:** Dual or Quad Gigabit Ethernet controllers (often Intel 82574L or similar). ### 4. Power Management & Thermal * **VRM (Voltage Regulator Modules):** High-phase count digital VRMs to ensure stable power delivery to the Xeon processors under 24/7 load. * **Capacitors:** Solid-state capacitors are standard to prevent "capacitor plague" and ensure longevity in high-temperature environments. * **Management:** Often includes an **IPMI 2.0** compliant controller (like the ASPEED AST2050) for remote electronic monitoring and management. --- ### 5. Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Form Factor** | Proprietary or E-ATX | | **Graphics** | Integrated Matrox or ASPEED G200 (basic VGA output) | | **USB** | USB 2.0 Headers and rear ports | | **Reliability** | Designed for 24/7 Operation |
    ✨ Follow-up Questions
    • ⤷What are the compatible CPU models for the LGA1366 socket on this board?
    • ⤷ Does the M7S55FCJ-R support modern UEFI or legacy BIOS?
    • ⤷ What is the maximum RAM capacity supported by the Intel 5500 chipset?