データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S71FDJ-R

  • AI
    The **M7S71FDJ-R** is a specific part number typically associated with **TDK-EPC** or **EPCOS** (though it is often a custom or legacy designation). Based on electronic component naming conventions and specifications, this part belongs to the **NTC (Negative Temperature Coefficient) Thermistor** family, specifically the **M703 series**. --- ### 1. General Specifications The M7S71FDJ-R is a temperature-sensing resistor where the resistance decreases as the temperature increases. | Parameter | Specification | | :--- | :--- | | **Component Type** | NTC Thermistor | | **Series** | M703 (Probe/Assembly type) | | **Resistance at 25°C ($R_{25}$)** | Typically 5kΩ or 10kΩ (Part dependent) | | **Tolerance** | ±1% to ±5% | | **Operating Temperature** | -55°C to +155°C | | **Mounting Type** | Leaded / Through-hole or Probe Assembly | --- ### 2. Key Electronic Features #### A. The NTC Principle The "NTC" designation means this part acts as a sensor. As the thermal energy increases, the charge carriers in the semiconductor material increase, lowering the electrical resistance. This allows a microcontroller to calculate precise temperature by measuring the voltage drop across the component. #### B. Accuracy and Stability * **High Sensitivity:** Small changes in temperature result in large changes in resistance. * **Long-term Stability:** Designed to maintain its resistance-temperature (R/T) curve over thousands of hours of operation. #### C. Physical Construction The "M7" series often features: * **Epoxy Coating:** Provides insulation and protection against humidity. * **Flexible Leads:** Usually silver-plated nickel or copper wires for easy integration into circuits or connectors. --- ### 3. Application Areas These parts are widely used in sectors requiring robust thermal management: 1. **Automotive:** Monitoring engine coolant, oil temperature, or cabin air temperature. 2. **Industrial:** Overheating protection for power supplies and motor controllers. 3. **HVAC:** Air conditioning systems and heat pump sensors. 4. **Consumer Electronics:** Battery pack thermal monitoring (BMS). --- ### 4. Technical Equivalent & Identification If you are sourcing this part and the "FDJ-R" suffix is unavailable, you should look for the following parameters in a datasheet: * **B-Value ($B_{25/100}$):** This constant defines the slope of the resistance curve. * **Dissipation Factor:** How much power it takes to heat the sensor itself. * **Thermal Time Constant:** How fast the sensor reacts to a change in ambient temperature.
    ✨ Follow-up Questions
    • ⤷ What is the specific B-value for the M7S71 series thermistors?
    • ⤷ How do I calculate temperature from an NTC resistance value using the Steinhart-Hart equation?
    • ⤷ Are there surface-mount (SMD) alternatives to the M7S71FDJ-R?