データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S71TCJ-R

  • AI
    The **M7S71TCJ-R** is an industrial-grade, ruggedized 7-inch TFT LCD monitor, typically used in automotive, marine, or surveillance applications. While it is a finished unit, its internal electronic architecture is composed of several critical sub-systems. --- ### 1. Key Electronic Components & Specifications | Component Category | Specification / Detail | | :--- | :--- | | **Display Panel** | 7" TFT LCD (Active Matrix) | | **Resolution** | 800 x 480 (WVGA) | | **Backlight Type** | LED (Long-life, low heat) | | **Aspect Ratio** | 16:9 Wide Screen | | **Power Input** | Wide range (typically 12V - 32V DC) | | **Signal Interface** | Composite Video (RCA or 4-Pin Aviation) | --- ### 2. Functional Electronic Sub-systems #### A. Power Management Circuitry The "TCJ-R" series is designed for vehicular environments where voltage spikes are common. * **Voltage Regulator:** Steps down high vehicle voltage (24V/32V) to internal 5V or 3.3V for logic boards. * **Reverse Polarity Protection:** Prevents damage if the power leads are connected incorrectly. * **Transient Voltage Suppression (TVS):** Protects internal circuits from alternator surges. #### B. Video Processing Board (AD Board) The Analog-to-Digital board is the "brain" of the monitor: * **Video Decoder IC:** Converts analog NTSC/PAL signals into digital RGB signals for the LCD panel. * **OSD Controller:** Manages the On-Screen Display (brightness, contrast, color settings). * **Mirror/Flip Logic:** Electronic switches that allow the image to be flipped horizontally (for rear-view cameras) or vertically. #### C. Backlight Driver (Inverter) Since this model uses LED backlighting: * **Constant Current Driver:** Ensures uniform brightness regardless of input voltage fluctuations. * **PWM Dimming:** Allows the user to adjust the backlight intensity via the menu. --- ### 3. Connector Pinout (Aviation Style) The "R" suffix often denotes a ruggedized 4-pin aviation connector. The typical electronic pinout for this part is: 1. **Pin 1 (Red):** Power (+) 2. **Pin 2 (Black):** Ground (-) 3. **Pin 3 (White):** Audio (if supported) 4. **Pin 4 (Yellow):** Video Signal --- ### 4. Environmental Ruggedization Unlike consumer electronics, the internal parts of the M7S71TCJ-R are treated for durability: * **Conformal Coating:** A thin chemical film applied to the PCBs to protect against moisture and corrosion. * **Vibration Resistance:** Internal ribbon cables are often reinforced with industrial adhesive or clips to prevent loosening in high-vibration environments.
    ✨ Follow-up Questions
    • ⤷ Does this model support AHD high-definition video input or only CVBS?
    • ⤷ What is the specific IP rating for the casing of the M7S71TCJ-R?
    • ⤷ Are there replacement internal AD boards available for this specific part number?