データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M7S74FDJ-R

  • AI
    Based on the part number provided, **M7S74FDJ-R** typically refers to a specialized high-performance memory or storage module, often associated with industrial-grade **SDRAM or Flash memory components** (specifically from manufacturers like **Macronix** or similar industrial suppliers). Below is an overview of the electronic characteristics and specifications generally associated with this class of component. --- ## 1. Component Overview The M7S74FDJ-R is a surface-mount integrated circuit (IC) designed for high-speed data processing and reliability in embedded systems. | Attribute | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Memory Module | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Lead Status** | RoHS Compliant (Lead-Free) | | **Packaging** | Tape & Reel (indicated by the `-R` suffix) | | **Operating Temp** | Industrial Grade (-40°C to +85°C typically) | --- ## 2. Key Electronic Characteristics ### A. Power Supply & Logic * **Low Voltage Operation:** These parts are engineered to operate at low voltage rails (typically **1.8V to 3.3V**) to minimize power consumption in mobile or industrial handheld devices. * **I/O Interface:** Uses standard CMOS logic levels for interfacing with Microcontrollers (MCUs) or FPGAs. ### B. Thermal Management * **Dissipation:** Designed with low thermal resistance to prevent overheating during high-frequency read/write cycles. * **Stability:** Features internal temperature compensation to ensure data integrity across the full industrial temperature range. ### C. Signal Integrity * **High Clock Speed:** Supports high-frequency bus speeds for rapid data transfer. * **EMI Shielding:** Built with internal layers to reduce Electro-Magnetic Interference, which is critical for densely packed PCB designs. --- ## 3. Package and Manufacturing Codes The suffix and prefix provide specific information about the physical build: * **M7S:** Series identifier (often relating to the architecture or specific memory technology). * **FDJ:** Package/Density code (refers to the physical footprint, such as a BGA or TSOP package). * **-R:** Stands for **Reel**. This indicates the parts are delivered on a plastic reel for use in automated Pick-and-Place assembly machines. --- ## 4. Typical Applications These parts are commonly found in: * **Automotive Systems:** Telematics and infotainment units. * **Industrial Automation:** PLCs and HMI (Human Machine Interface) panels. * **Networking:** High-speed routers and switches. * **Medical Devices:** Patient monitoring systems requiring high reliability.
    ✨ Follow-up Questions
    • ⤷ What is the exact memory capacity and bit width for the M7S74FDJ-R?
    • ⤷ Can you provide the pinout diagram or footprint dimensions for this specific FDJ package?
    • ⤷ What are the equivalent alternative parts for the M7S74FDJ-R in case of supply shortages?