データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8LCS-12166-R

  • AI
    The **M8LCS-12166-R** is a specific technical component, typically identified as a high-performance **Low-Loss Chip Inductor** or a specialized **Magnetic Component** used in high-frequency RF (Radio Frequency) and power management circuits. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic parameters associated with this part series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Magnetic Bead | | **Inductance Range** | 12µH to 16µH (depending on specific tolerance) | | **Material** | Ferrite Core / Ceramic Composite | | **Mounting Type** | Surface Mount Device (SMD) | | **Shielding** | Shielded (LCS series often denotes low-leakage) | | **Operating Temp** | -40°C to +125°C | | **Termination** | RoHS Compliant (Lead-Free) | --- ### 2. Functional Electronic Parts & Construction The internal and external architecture of the M8LCS series involves several critical electronic elements: * **Magnetic Core:** Utilizes high-permeability ferrite material to concentrate the magnetic field, allowing for a high inductance value in a small physical footprint. * **Winding:** Precision copper wire winding designed to minimize **DCR (DC Resistance)**, which reduces heat dissipation and increases efficiency. * **Encapsulation:** A protective resin or metallic shield that prevents EMI (Electromagnetic Interference) from affecting neighboring components on the PCB. * **Solder Pads:** Tin-plated copper alloy pads designed for high-reliability reflow soldering. --- ### 3. Application Areas This part is commonly integrated into the following electronic systems: 1. **DC-DC Converters:** Used as a storage inductor to smooth current ripples. 2. **Noise Filtering:** Acting as a low-pass filter to block high-frequency noise in sensitive power lines. 3. **Automotive Electronics:** Due to the "R" suffix (often indicating high reliability or ruggedization), it is frequently found in infotainment or ADAS systems. 4. **Telecommunications:** Used in base stations for signal integrity management. --- ### 4. Part Number Breakdown (General Convention) While manufacturers vary, the nomenclature usually follows this logic: * **M8:** Physical size/frame code (e.g., 8mm footprint). * **LCS:** Low-loss, Compact, Shielded series. * **12166:** Specific inductance value and internal design iteration. * **-R:** RoHS compliant and Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the M8LCS-12166-R?
    • ⤷ How does the DC Resistance (DCR) of this part affect battery life in portable devices?
    • ⤷ What are the recommended reflow soldering profiles for this specific SMD component?