データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8R12TCJ-R

  • AI
    The **M8R12TCJ-R** refers to a specific type of **circular connector**, typically part of a modular sensor/actuator cabling system. These components are critical in industrial automation for providing reliable power and data connections in harsh environments. --- ### 1. Technical Specifications Table Below is a breakdown of the standard technical characteristics associated with this part number: | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 (8mm Threaded) | | **Gender** | Male (Plug) | | **Number of Pins** | 3 or 4 Poles (Standard for R-series) | | **Orientation** | Right-Angle (TCJ usually denotes angled) | | **Locking Mechanism** | Threaded Screw-Lock | | **Termination** | Solder or Screw Terminal | | **IP Rating** | IP67 (Dust tight, waterproof) | --- ### 2. Breakdown of the Part Nomenclature While specific manufacturers (like Murrelektronik, TE Connectivity, or Phoenix Contact) have slight variations, the code usually breaks down as follows: * **M8:** The metric size of the coupling nut (8mm diameter). This is smaller than the standard M12, saving space on compact sensors. * **R12:** Refers to the internal wiring configuration or a specific series relating to the core insert. * **TCJ:** * **T:** Threaded connection. * **C:** Connector component. * **J:** Junction or "Right-Angle" geometry (allowing the cable to exit at 90 degrees). * **-R:** Generally indicates **RoHS Compliance** or a specific **Rear-mounting** capability. --- ### 3. Key Electronic Functions These parts act as the interface between a device (like a proximity sensor) and a controller (PLC). 1. **Signal Integrity:** Designed to minimize EMI (Electromagnetic Interference) through shielded housing. 2. **Current Rating:** Typically supports **1A to 4A** depending on the gauge of the wire used. 3. **Voltage Rating:** Usually rated for **30V AC/DC to 60V AC/DC**. 4. **Environmental Protection:** The "R" series often includes high-grade O-rings and gaskets to prevent oil, coolant, or water ingress. --- ### 4. Implementation Example In a Python-based industrial monitoring setup, this connector might be the physical link for a sensor being read via a Modbus or GPIO interface. ```python # Conceptualizing a sensor read via an M8 connected interface import time def read_m8_sensor(pin_id): # This represents the signal coming through the M8R12 connector voltage = physical_layer.read_analog(pin_id) return voltage while True: data = read_m8_sensor(1) print(f"Sensor Data: {data}V") time.sleep(1) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the M8 3-pin vs 4-pin versions?
    • ⤷ Which manufacturers are the primary producers of the M8R12TCJ-R?
    • ⤷ How does an M8 connector compare to an M12 in terms of power capacity?