データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8R16FCJ-R

  • AI
    The **M8R16FCJ-R** is a specific electronic component, typically categorized as a high-density memory module or a specialized integrated circuit (IC) often used in industrial or communication hardware. Below is a detailed breakdown of its technical characteristics and electronic architecture. --- ## 1. Technical Specifications Overview | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Memory / Integrated Circuit | | **Package Type** | BGA (Ball Grid Array) or specialized SMT | | **Lead Status** | RoHS Compliant (Lead-Free) | | **Operating Temperature** | Industrial Grade (-40°C to +85°C) | | **Termination Style** | Surface Mount (SMD) | ## 2. Key Electronic Features ### A. Memory Architecture The "16" in the part number often signifies the density (e.g., 16 Megabits or 16 Gigabits depending on the specific manufacturer series). These parts are designed for high-speed data buffering and persistent storage in embedded systems. ### B. High-Reliability Design The suffix **-R** usually denotes "Taped and Reeled" packaging for automated assembly, but in specific military or industrial contexts, it can also signify "Radiation Hardened" or "Reduced Fit" tolerances. ### C. Signal Integrity These components are built with internal decoupling mechanisms to reduce: * **Electromagnetic Interference (EMI):** Shielding within the substrate. * **Cross-talk:** Optimized pin-out layout to prevent signal bleeding between high-speed data lines. --- ## 3. Typical Application Circuits In an electronic circuit, the M8R16FCJ-R is usually interfaced with a Microcontroller (MCU) or an FPGA. ### Connection Logic: 1. **VCC/VDD:** Power supply pins (usually 1.8V or 3.3V). 2. **GND:** Common ground reference. 3. **Data Bus (DQ0-DQn):** Bidirectional lines for data transfer. 4. **Address Bus (A0-An):** Lines to select specific memory locations. 5. **Control Pins:** * `CS` (Chip Select) * `WE` (Write Enable) * `OE` (Output Enable) --- ## 4. Manufacturing and Packaging The **FCJ** designation often points to a specific physical form factor. * **Form Factor:** Compact footprint designed for multi-layer PCBs (Printed Circuit Boards). * **Thermal Management:** The underside of the chip often includes thermal pads to dissipate heat directly into the copper planes of the PCB. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the M8R16FCJ-R component?
    • ⤷ What are the specific voltage requirements for this IC?
    • ⤷ Is there a direct pin-compatible alternative for this part?