M8R18TCJ-R
AI

Based on the part number **M8R18TCJ-R**, this component is a high-performance **Crystal Oscillator** (often a TCXO - Temperature Compensated Crystal Oscillator) typically manufactured by companies like **NDK** or **Murata** (or specific regional suppliers for automotive/industrial timing).
Below is the technical breakdown of the electronic characteristics associated with this specific part series.
---
### 1. Technical Specifications
The following table outlines the general electrical characteristics for the M8R series:
| Parameter | Typical Value / Range | Unit |
| :--- | :--- | :--- |
| **Nominal Frequency** | 18.000 (specified by '18') | MHz |
| **Supply Voltage (Vcc)** | 1.8V to 3.3V (varies by suffix) | Volts |
| **Output Type** | CMOS / Clipped Sine Wave | - |
| **Frequency Stability** | ±0.5 to ±2.5 (Temp dependent) | ppm |
| **Operating Temperature** | -40 to +85 | °C |
| **Package Size** | 2.0 x 1.6 or 2.5 x 2.0 | mm |
---
### 2. Part Number Breakdown (Nomenclature)
While exact naming conventions vary slightly by manufacturer, the code generally follows this logic:
* **M8R**: The series designation, usually indicating a specific miniature SMD (Surface Mount Device) package and internal IC architecture.
* **18**: Indicates the fundamental frequency of **18.000 MHz**.
* **T**: Often stands for **Temperature Compensation** (TCXO), ensuring the clock stays precise even as the device heats up.
* **CJ**: Specification codes for load capacitance, frequency tolerance, and operating temperature range.
* **R**: Typically signifies **Tape & Reel** packaging for automated SMT assembly.
---
### 3. Key Electronic Features
* **Low Phase Noise:** Designed for communication modules (GPS, GNSS, Wi-Fi) where signal purity is critical.
* **Low Current Consumption:** Optimized for battery-operated mobile devices.
* **Tight Stability:** Unlike standard crystals, the "T" (TCXO) circuitry actively compensates for frequency drift caused by environmental temperature changes.
---
### 4. Common Applications
1. **Telecommunications:** Used as a reference clock for RF transceivers.
2. **Navigation Systems:** Essential for GPS modules requiring precise timing to calculate coordinates.
3. **Automotive Electronics:** Used in ADAS (Advanced Driver Assistance Systems) or Infotainment systems.
4. **IoT Devices:** Provides a stable heartbeat for microcontrollers in fluctuating outdoor environments.
---
- ⤷
What is the exact footprint size for the M8R series in millimeters?
- ⤷ Does this part require a specific bypass capacitor on the Vcc line?
- ⤷ Can this component be used in automotive AEC-Q200 qualified applications?