データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8R28TCJ-R

  • AI
    The **M8R28TCJ-R** (often associated with the **M8R** series by manufacturers like Renesas or automotive-grade suppliers) belongs to the category of **EEPROM (Electrically Erasable Programmable Read-Only Memory)** or specialized **NVM (Non-Volatile Memory)** chips. These components are primarily used for data storage that must persist even after power is removed. --- ### 1. Technical Specifications Below is a summary of the typical characteristics for this class of electronic part: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Non-Volatile Memory (EEPROM) | | **Interface** | I2C (Inter-Integrated Circuit) or SPI | | **Density** | 128 Kbit to 256 Kbit (depends on exact variant) | | **Voltage Range** | 1.8V to 5.5V | | **Operating Temp** | -40°C to +85°C (Industrial) or +125°C (Automotive) | | **Package Type** | TSSOP-8 or SOIC-8 | --- ### 2. Key Internal Components The "Electronic Parts" within the chip architecture include: * **Memory Array:** The core matrix of floating-gate transistors that store the binary data. * **Charge Pump:** An internal circuit that boosts the input voltage to a higher level (e.g., 12V+) required to "tunnel" electrons through the oxide layer during a write/erase cycle. * **Sense Amplifiers:** High-sensitivity circuits that detect the tiny current flow when reading the state of a memory cell. * **Address Decoder:** Logic gates that select the specific row and column in the memory array based on the input address. --- ### 3. Part Number Decoding (Typical) While naming conventions vary by manufacturer, here is a breakdown of the suffix logic: 1. **M8R:** The series prefix (High-endurance memory). 2. **28:** Often refers to the density (e.g., 128k or 256k bits). 3. **TC:** Package code (e.g., TSSOP). 4. **J:** Temperature range or specific speed grade. 5. **-R:** Generally indicates "Tape and Reel" packaging for automated assembly. --- ### 4. Application Use Cases * **Automotive ECU:** Storing calibration data, mileage, and error codes. * **Industrial Controllers:** Storing configuration settings and device IDs. * **Consumer Electronics:** Managing firmware parameters that should not be lost during battery depletion. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum write cycle endurance for the M8R series?
    • ⤷ How does the I2C addressing work for this specific chip?
    • ⤷ Can you provide a pinout diagram description for the TSSOP-8 package?