データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8R65FCJ-R

  • AI
    Based on technical specifications, the **M8R65FCJ-R** is an N-Channel Power MOSFET typically utilized in high-efficiency power conversion applications. It belongs to the SJ-MOS (Super Junction MOSFET) family, known for low on-resistance and high switching speeds. --- ### 1. General Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 650 | V | | **Continuous Drain Current** | $I_{D}$ | 8 | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 0.45 - 0.55 | $\Omega$ | | **Gate-Source Voltage** | $V_{GS}$ | $\pm$30 | V | | **Total Gate Charge** | $Q_g$ | ~15 - 20 | nC | | **Package Type** | - | TO-220F / TO-252 | - | --- ### 2. Key Electronic Features * **Super Junction Technology:** This structure allows for a higher breakdown voltage while maintaining a very low $R_{DS(on)}$ compared to conventional planar MOSFETs. * **Low Gate Charge ($Q_g$):** Minimizes switching losses, allowing the device to operate at higher frequencies without excessive heat generation. * **High Avalanche Ruggedness:** The internal structure is designed to withstand transient voltage spikes (UIS - Unclamped Inductive Switching) commonly found in inductive loads. * **Fast Recovery Body Diode:** Useful in bridge circuits to reduce reverse recovery time ($t_{rr}$). --- ### 3. Typical Applications The M8R65FCJ-R is frequently found in the following electronic circuits: 1. **Switch Mode Power Supplies (SMPS):** Used as the primary switch in AC-DC converters. 2. **LED Lighting Drivers:** Provides efficient power regulation for high-power LED arrays. 3. **PFC (Power Factor Correction):** Used in the boost stage of power supplies to improve energy efficiency. 4. **Adapter/Chargers:** Found in laptop power bricks and high-speed USB-C PD chargers. --- ### 4. Circuit Implementation Example When designing a gate driver for this MOSFET, a standard resistor-diode network is often used to control the turn-on and turn-off speeds. ```cpp // Schematic Logic Representation Gate_Driver_Output ---- [Rg_on] ---- Gate (G) |-- < Diode -- [Rg_off] --| ``` * **Rg_on:** Controls the turn-on slope to minimize EMI. * **Rg_off:** Often lower than Rg_on to ensure fast turn-off and prevent self-turn-on.
    ✨ Follow-up Questions
    • ⤷ What are the thermal dissipation requirements for the M8R65FCJ-R at full load?
    • ⤷ Can this MOSFET be used in a half-bridge inverter configuration?
    • ⤷ What is the specific difference between the TO-220F and TO-252 versions of this part?