データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S11FDJ-R

  • AI
    The **M8S11FDJ-R** is a microcontroller (MCU) belonging to the 8051-based architecture family, specifically designed for low-power, cost-sensitive industrial and consumer electronics applications. It is frequently used in small appliance control, LED drivers, and sensor interfaces. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | 1T 8051 (High-speed 8-bit) | | **Flash Memory** | 8 KB | | **SRAM** | 512 Bytes | | **Operating Voltage** | 2.4V to 5.5V | | **Max Frequency** | 16 MHz / 24 MHz (depending on configuration) | | **Package Type** | TSSOP20 / SOP20 | | **I/O Pins** | Up to 18 GPIOs | --- ### 2. Integrated Electronic Subsystems The M8S11FDJ-R integrates several internal modules that reduce the need for external components: #### A. Analog-to-Digital Converter (ADC) It typically features a 12-bit ADC with multiple channels. This allows the chip to read analog signals from sensors (like thermistors or light sensors) and convert them into digital data for processing. #### B. Pulse Width Modulation (PWM) The chip includes high-resolution PWM outputs. These are essential for: * Controlling the brightness of LEDs. * Managing the speed of DC motors. * Driving power switching circuits. #### C. Communication Interfaces To interact with other electronic parts, it supports standard protocols: * **UART:** For serial communication (e.g., debugging or Bluetooth modules). * **I2C:** For connecting to external EEPROMs or digital sensors. * **SPI:** For high-speed data transfer with displays or peripheral ICs. #### D. Timer and Watchdog * Includes multiple 16-bit timers for precise event counting and delays. * An integrated **Watchdog Timer (WDT)** ensures system stability by resetting the MCU if the code hangs or enters an infinite loop. --- ### 3. Application Use-Cases The electronic design of the M8S11FDJ-R makes it ideal for specific sectors: 1. **Consumer Electronics:** Electric toothbrushes, coffee machine controllers, and remote controls. 2. **Industrial Control:** Small-scale automation, relay control, and signal conditioning. 3. **Lighting:** Smart LED controllers and dimming systems. --- ### 4. Circuit Design Considerations * **Decoupling:** A 0.1µF ceramic capacitor should be placed as close as possible to the VDD and VSS pins to filter high-frequency noise. * **Reset Circuit:** It features an internal Power-On Reset (POR) and Low Voltage Reset (LVR), which simplifies the external circuit by removing the need for a dedicated reset IC. * **Oscillator:** While it has an internal high-precision RC oscillator, external crystals can be used if specific timing accuracy is required.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M8S11FDJ-R and standard 8051 MCUs?
    • ⤷ Which development tools or IDEs are compatible with this microcontroller?
    • ⤷ Can you provide a pinout diagram description for the TSSOP20 package?