データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S14FDJ-R

  • AI
    The **M8S14FDJ-R** is a specific surface-mount electronic component, typically categorized as a **Common Mode Choke (Filter)**. These components are essential for electromagnetic interference (EMI) suppression in high-speed data lines. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Parameter | Description | | :--- | :--- | | **Component Type** | Common Mode Choke / EMI Filter | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Number of Lines** | 2 Lines (Typical for differential signaling) | | **Impedance** | Usually rated at 100MHz (Specific ohms vary by sub-version) | | **DC Resistance (DCR)** | Low resistance to prevent signal attenuation | | **Current Rating** | Designed for low-power signal applications | | **Package Size** | Compact footprint (M8S series standard) | --- ### 2. Functional Purpose The primary role of the M8S14FDJ-R is to manage noise in electronic circuits: 1. **Common Mode Noise Suppression:** It filters out noise that is common to both signal lines (such as interference from radio frequencies or power supplies). 2. **Differential Signal Integrity:** It allows the actual data signal (differential mode) to pass through with minimal distortion. 3. **EMI Compliance:** Helps devices meet regulatory standards (like FCC or CE) by preventing the device from emitting excessive electronic noise. --- ### 3. Internal Structure & Diagram The device consists of two coils wound around a single ferrite core. ```yaml Terminal 1 (In) o---(Coil 1)---o Terminal 2 (Out) (Core) Terminal 4 (In) o---(Coil 2)---o Terminal 3 (Out) ``` ### 4. Typical Applications This component is frequently found in the following environments: * **USB 2.0/3.0 Lines:** Protecting data transfer from external noise. * **HDMI/DisplayPort:** Maintaining high-definition video signal purity. * **CAN-Bus:** Used in automotive electronics for stable communication. * **LVDS:** Used in laptop and monitor internal display connections. --- ### 5. Part Number Breakdown (General) * **M8S:** Refers to the series/form factor (usually a specific molded chip size). * **14:** Often relates to the impedance code or physical dimensions. * **FDJ:** Internal material/winding specification code. * **R:** Usually indicates **Tape & Reel** packaging for automated pick-and-place machines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M8S14FDJ-R?
    • ⤷ Can this part be substituted with a standard ferrite bead?
    • ⤷ What are the soldering temperature profiles for this SMD component?