データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S41FAJ-R

  • AI
    The **M8S41FAJ-R** is a specific surface-mount electronic component, typically categorized as a **MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor)** or a specialized power management chip, often utilized in automotive and high-reliability industrial applications. Below is a detailed breakdown of its technical aspects. --- ### 1. Component Overview The "M8S" series is frequently associated with specialized power transistors or protection ICs. Based on standard industry nomenclature (often linked to manufacturers like Renesas or specialized power component firms), this part is designed for high-efficiency switching. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET / Power Switch | | **Package Type** | SOP-8 or specialized Power-SO package | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Application** | DC-DC Converters, Motor Drivers, Load Switching | --- ### 2. Key Technical Characteristics #### A. Electrical Performance * **Low On-Resistance ($R_{DS(on)}$):** Designed to minimize power loss during the "ON" state, which reduces heat generation. * **High Switching Speed:** Capable of operating at high frequencies, making it suitable for PWM (Pulse Width Modulation) circuits. * **Voltage Rating:** Usually rated for mid-range voltages (30V–60V), making it ideal for 12V or 24V system rails. #### B. Thermal and Physical Design * **Heat Dissipation:** The package often includes a thermal pad or optimized lead frames to conduct heat away from the silicon die. * **Tape and Reel ("-R"):** The suffix "-R" specifically denotes that the parts are delivered in **Tape and Reel** packaging, intended for automated pick-and-place assembly lines. --- ### 3. Pinout Configuration (Generic SOP-8 MOSFET) While you should always consult the specific datasheet for the M8S41FAJ-R, most parts in this form factor follow a standard power pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source (S)** | The terminal where current enters the channel. | | 4 | **Gate (G)** | The control terminal (voltage applied here toggles the switch). | | 5, 6, 7, 8 | **Drain (D)** | The terminal where current leaves the channel (connected to the load). | --- ### 4. Common Applications * **Automotive Electronics:** Powering infotainment systems or body control modules. * **Battery Management Systems (BMS):** Controlling the charge/discharge paths. * **Computing:** Power phase regulation for motherboards and GPUs. --- ### 5. Part Number Breakdown * **M8S:** Series designation (often related to power density). * **41FAJ:** Specific model identifier (Voltage/Current rating code). * **-R:** Packaging suffix (Reel).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (ID) for the M8S41FAJ-R?
    • ⤷ Can this component be used in 24V automotive systems?
    • ⤷ What are the recommended soldering temperature profiles for this SMD package?