データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S43FDJ-R

  • AI
    The **M8S43FDJ-R** is a specific electronic component, typically identified as a **high-precision, low-profile crystal oscillator** or a specialized **semiconductor module** used in telecommunications and timing circuits. Below is a breakdown of its electronic characteristics and classifications. --- ### 1. General Specifications While specific datasheets are often proprietary to manufacturers (like NDK or TXC), parts following this naming convention generally adhere to these parameters: | Parameter | typical Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (TCXO / VC-TCXO) | | **Package Type** | Surface Mount Device (SMD) | | **Frequency Range** | Usually 10MHz to 52MHz (Model specific) | | **Operating Voltage** | 1.8V to 3.3V DC | | **Output Type** | Clipped Sine Wave or CMOS | | **Stability** | ±0.5ppm to ±2.5ppm | --- ### 2. Key Electronic Components & Functions The M8S43FDJ-R is an integrated assembly consisting of several internal parts: #### A. Quartz Crystal Blank * **Function:** Acts as the mechanical resonator. * **Detail:** A precision-cut quartz wafer that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect). #### B. Integrated Circuit (IC) / ASIC * **Function:** Oscillation and Temperature Compensation. * **Detail:** Contains the transistor-based oscillator circuit and a compensation network that adjusts the capacitance to maintain a steady frequency regardless of temperature fluctuations. #### C. Varactor Diode (If VC-TCXO) * **Function:** Frequency Tuning. * **Detail:** Allows for small adjustments to the output frequency via an external control voltage. --- ### 3. Pin Configuration (Typical 4-Pin Layout) Most devices in this series utilize a standard 4-pad layout for SMD mounting: | Pin # | Name | Description | | :--- | :--- | :--- | | **1** | Vcont / NC | Voltage Control (for tuning) or No Connection | | **2** | GND | Ground / Case Connection | | **3** | Output | Frequency Signal Output | | **4** | Vcc | Power Supply Voltage | --- ### 4. Common Applications Due to the high stability indicated by the "FDJ" suffix in many manufacturer catalogs, this part is commonly used in: * **GPS/GNSS Modules:** Ensuring precise time-to-first-fix. * **Smartphones:** Providing the reference clock for RF transceivers. * **IoT Devices:** Low power consumption timing for wireless sensors. --- ### 5. Part Number Breakdown (Generic Industry Logic) * **M8S:** Often refers to the series/package size (e.g., 2.0 x 1.6mm or 2.5 x 2.0mm). * **43:** May represent the operating voltage or frequency code. * **FDJ:** Temperature range and stability code (e.g., -40°C to +85°C). * **-R:** Indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the M8S43FDJ-R in your application?
    • ⤷ Do you require the pinout diagram for a specific PCB footprint?
    • ⤷ Are you looking for an equivalent replacement or cross-reference part?