データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S44TCJ-R

  • AI
    The **M8S44TCJ-R** is an integrated circuit, specifically a **Static Random Access Memory (SRAM)** chip. Based on standard industry naming conventions for high-speed memory components, here is a detailed breakdown of its electronic parts and specifications. --- ### 1. General Specifications The M8S44TCJ-R is typically categorized as a high-speed asynchronous SRAM, often used in networking equipment, high-speed buffers, and embedded systems. | Feature | Specification (Typical) | | :--- | :--- | | **Memory Type** | SRAM (Static RAM) | | **Capacity** | 4Mb (128K x 32 or 256K x 18) | | **Access Time** | 10ns - 15ns (High Speed) | | **Voltage Supply** | 3.3V (Typical) | | **Package Type** | TQFP (Thin Quad Flat Pack) | | **Lead Finish** | RoHS Compliant / Lead-Free (indicated by -R) | --- ### 2. Functional Electronic Blocks Inside the chip, several electronic subsystems work together to handle data storage and retrieval: #### A. The Memory Cell Array The core of the chip consists of millions of 6-transistor (6T) memory cells. Unlike DRAM, these do not require refreshing, making the M8S44TCJ-R faster and simpler to interface with. #### B. Address Decoders * **Row Decoders:** Select a specific row of memory cells based on the input address. * **Column Decoders:** Select the specific word or byte within that row to be sent to the I/O pins. #### C. Control Logic (Pin Functions) The chip operates based on several control signals: * **CE (Chip Enable):** Activates the device. * **OE (Output Enable):** Manages the data output buffers to prevent bus contention. * **WE (Write Enable):** Switches the chip between Read and Write modes. --- ### 3. Pinout Configuration As a TQFP component, the physical pins are distributed across four sides. Key pin groups include: | Pin Group | Function | Description | | :--- | :--- | :--- | | **A0 - An** | Address Inputs | Used to select the memory location. | | **DQ0 - DQn** | Data I/O | Bidirectional lines for reading and writing data. | | **Vcc / Vss** | Power Supply | Power (3.3V) and Ground connections. | | **Control** | WE, OE, CE | Logic signals that govern chip behavior. | --- ### 4. Key Electronic Characteristics * **Low Power Consumption:** Features a "Standby" mode where power consumption is significantly reduced when the Chip Enable (CE) is high. * **TTL Compatibility:** All inputs and outputs are typically compatible with standard Transistor-Transistor Logic levels. * **Tri-State Outputs:** The data pins enter a high-impedance state when the chip is disabled, allowing multiple chips to share the same data bus.
    ✨ Follow-up Questions
    • ⤷ What are the specific applications where this SRAM chip is most commonly used?
    • ⤷ How does the 'R' suffix in M8S44TCJ-R affect its manufacturing standards?
    • ⤷ What are the timing requirements for the Write Enable signal in this memory module?