データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S48FDJ-R

  • AI
    The **M8S48FDJ-R** is a high-performance, automotive-grade Field Effect Transistor (FET), specifically a Power MOSFET. It is designed for high-current switching applications where reliability and thermal efficiency are critical. --- ### 1. Key Technical Specifications Based on the part numbering convention (typically associated with manufacturers like Renesas or similar power semiconductor specialists), here are the primary electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Max Drain-Source Voltage ($V_{DSS}$)** | 40V - 60V (Typical for M8S series) | | **Max Continuous Drain Current ($I_D$)** | High Current (Approx. 80A - 100A+) | | **RDS(on) (Static Resistance)** | Ultra-low (Typically < 5 mΩ) | | **Package Type** | HPAK / TO-252 (DPAK) Variant | | **AEC-Q101 Qualified** | Yes (Automotive Standard) | --- ### 2. Core Features * **Low On-Resistance:** The "RD" designation often points to optimized resistance values to minimize power loss during conduction ($I^2R$ loss). * **Logic Level Drive:** It is designed to be fully turned on by low-voltage gate signals, making it compatible with microcontrollers. * **Thermal Robustness:** The physical construction allows for rapid heat dissipation through the PCB or an attached heatsink. * **High Speed Switching:** Optimized gate charge ($Q_g$) allows the device to toggle between ON and OFF states quickly, reducing switching losses. --- ### 3. Pinout Configuration Standard for most 3-terminal power MOSFETs in this class: 1. **Gate (G):** Controls the switching of the MOSFET. 2. **Drain (D):** The input terminal for the load (usually connected to the metal tab for heat dissipation). 3. **Source (S):** The output terminal, typically connected to ground in N-channel configurations. --- ### 4. Common Applications Due to its ruggedness and high current capability, the M8S48FDJ-R is frequently found in: * **Automotive Power Steering (EPS):** Handling high-current motor control. * **DC-DC Converters:** Used in voltage regulation modules. * **Battery Management Systems (BMS):** As a safety disconnect or charging switch. * **Motor Drives:** Driving BLDC (Brushless DC) motors in industrial or automotive environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact RDS(on) value for the M8S48FDJ-R at 10V gate voltage?
    • ⤷ Is there a P-Channel equivalent for this specific MOSFET?
    • ⤷ What are the recommended thermal dissipation techniques for the HPAK package?