データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S53FCJ-R

  • AI
    The **M8S53FCJ-R** belongs to the high-performance memory family, specifically classified as a **Magnetoresistive Random Access Memory (MRAM)** module. It is designed for applications requiring high speed, non-volatility, and high endurance. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Memory Type** | STT-MRAM (Spin-Transfer Torque MRAM) | | **Capacity** | 8 Mb (1M x 8-bit) | | **Interface** | SPI (Serial Peripheral Interface) / QSPI | | **Operating Voltage** | 1.7V to 3.6V | | **Clock Frequency** | Up to 108 MHz | | **Temperature Range** | Industrial (-40°C to +85°C) | | **Data Retention** | >10 years | | **Write Endurance** | Unlimited (typically >10^14 cycles) | --- ### 2. Core Functional Parts The internal architecture of the M8S53FCJ-R consists of several critical electronic blocks: #### A. The Magnetic Tunnel Junction (MTJ) Unlike standard RAM which uses capacitors (DRAM) or transistors (SRAM) to store charge, this part uses an **MTJ cell**. - It stores data by changing the magnetic alignment of a "free layer" relative to a "fixed layer." - High resistance = Logic '1', Low resistance = Logic '0'. #### B. The Control Logic & Command Decoder This section interprets incoming SPI commands (such as `READ`, `WRITE`, or `WREN`). It manages the timing of the data flow and ensures the chip is synchronized with the master clock (SCK). #### C. Peripheral I/O Pins The physical interface consists of standard serial pins: - **CS# (Chip Select):** Activates the device. - **SO/SI (Serial Out/In):** For data transmission. - **WP# (Write Protect):** Hardware-based data protection. - **HOLD#:** Suspends serial communication without deselecting the device. --- ### 3. Advantages over Traditional Memory 1. **Non-Volatility:** Unlike SRAM, it retains data when power is lost. 2. **Speed:** Much faster write speeds than Flash or EEPROM (nanosecond range). 3. **No Wear-out:** Flash memory degrades after 100k writes; MRAM can be written to almost indefinitely. 4. **Byte-Addressability:** Data can be modified at the byte level without needing to erase entire blocks first. --- ### 4. Common Applications * **Industrial Automation:** Real-time data logging and configuration storage. * **Medical Devices:** Storing critical patient settings that must survive power failure. * **Aerospace/Automotive:** Applications requiring high reliability in harsh environments. * **Edge Computing:** Acting as a high-speed buffer for IoT sensors.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between STT-MRAM and traditional Flash memory?
    • ⤷ Can you explain the pinout configuration for the M8S53FCJ-R package?
    • ⤷ What is the typical power consumption of this module during active Read/Write cycles?