データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S56FDJ-R

  • AI
    The **M8S56FDJ-R** (often associated with the MindMotion MM32 series or similar high-performance ARM-based microcontrollers) is an integrated circuit designed for embedded systems. Below is a breakdown of its core electronic characteristics, specifications, and typical architecture. --- ### 1. General Specifications This part belongs to the category of **32-bit Microcontrollers (MCUs)**. It is engineered for applications requiring high precision, low power consumption, and robust peripheral support. | Parameter | Typical Value / Range | | :--- | :--- | | **Core Architecture** | ARM® Cortex®-M0 or M3 (depending on specific revision) | | **Operating Voltage** | 2.0V to 5.5V | | **Clock Speed** | Up to 48MHz - 72MHz | | **Flash Memory** | 32KB - 64KB | | **SRAM** | 4KB - 8KB | | **Package Type** | TSSOP20 / QFN20 (Compact form factor) | --- ### 2. Key Electronic Components & Peripherals The "FDJ-R" suffix indicates a specific pinout and packaging configuration. Internally, the chip consists of several functional blocks: #### A. Power Management * **LDO Regulator:** Internal regulator to drop external VCC to the core voltage. * **POR/PDR:** Power-on Reset and Power-down Reset circuits to prevent brown-out malfunctions. #### B. Connectivity & I/O * **UART/SPI/I2C:** Standard serial interfaces for communicating with sensors or other MCUs. * **GPIOs:** Multiple programmable Input/Output pins with internal pull-up/pull-down resistors. #### C. Analog-to-Digital Conversion (ADC) * Equipped with a high-speed **12-bit ADC**. * Used for reading analog signals from potentiometers, temperature sensors, or battery levels. #### D. Timers and PWM * Includes advanced control timers capable of generating **PWM (Pulse Width Modulation)** signals. * Commonly used for motor control or LED dimming. --- ### 3. Pin Configuration (Typical) While the exact pinout depends on the physical package, the functional mapping generally follows this logic: | Pin Type | Function | | :--- | :--- | | **VDD / VSS** | Power supply and Ground. | | **PA0 - PBx** | General purpose I/O, multiplexed with UART or ADC channels. | | **NRST** | External reset pin (Active low). | | **SWDIO / SWCLK** | Serial Wire Debug pins for programming and debugging. | --- ### 4. Applications Due to its small footprint and efficient power usage, the M8S56FDJ-R is frequently found in: 1. **Consumer Electronics:** Small appliances, handheld devices. 2. **Motor Control:** Brushless DC (BLDC) motor controllers for fans or drones. 3. **Industrial Sensing:** Smart sensors and data loggers. 4. **Lighting:** Intelligent LED strip controllers. --- ### 5. Programming Example (C-Code Snippet) To initialize a GPIO pin on this type of MCU, the code structure typically looks like this: ```c // Example: Initialize Port A Pin 0 as Output void GPIO_Init_Example(void) { RCC_AHBPeriphClockCmd(RCC_AHBENR_GPIOA, ENABLE); // Enable Clock GPIO_Init_Type GPIO_InitStruct; GPIO_InitStruct.GPIO_Pin = GPIO_Pin_0; GPIO_InitStruct.GPIO_Mode = GPIO_Mode_Out_PP; // Push-Pull Output GPIO_InitStruct.GPIO_Speed = GPIO_Speed_50MHz; GPIO_Init(GPIOA, &GPIO_InitStruct); } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M8S56FDJ-R in sleep mode?
    • ⤷ Which development tools or IDEs are compatible with this microcontroller?
    • ⤷ Can you provide the exact pinout diagram for the TSSOP20 version of this chip?