データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S64FDJ-R

  • AI
    The **M8S64FDJ-R** is a specific part number typically associated with high-performance **Synchronous Dynamic Random Access Memory (SDRAM)**, often utilized in embedded systems, networking hardware, and legacy computing modules. --- ### 1. General Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Property | Details | | :--- | :--- | | **Component Type** | SDRAM (Synchronous DRAM) | | **Density** | 64 Megabits (Mb) | | **Configuration** | Likely 1M x 16 x 4 banks or 4M x 16 | | **Interface** | LVTTL (Low Voltage TTL) | | **Package Type** | TSOP II (Thin Small Outline Package) - 54 pin | | **Clock Frequency** | Typically 133MHz to 166MHz | --- ### 2. Key Electronic Features 1. **Multi-Bank Architecture:** The device is divided into four internal banks. This allows for "interleaving," where one bank can be precharged while another is being accessed, significantly reducing data latency. 2. **Burst Read/Write Activity:** It supports burst lengths of 1, 2, 4, 8, or full page. This allows the system to pull a continuous stream of data without sending individual addresses for every bit. 3. **Auto-Refresh & Self-Refresh:** Like all DRAM, it requires periodic refreshing to maintain data integrity. The "R" suffix often denotes specific refresh cycle ratings or compliance with lead-free/RoHS standards. 4. **CAS Latency (CL):** Usually supports CL2 or CL3, depending on the clock speed provided by the memory controller. --- ### 3. Pinout and Signal Functions The 54-pin TSOP package generally follows a standard SDRAM pinout: | Signal Group | Pins | Description | | :--- | :--- | :--- | | **Address** | A0 - A11 | Row and Column address inputs. | | **Data I/O** | DQ0 - DQ15 | Bi-directional data bus (16-bit wide). | | **Control** | RAS, CAS, WE | Command inputs (Row/Column Address Strobe, Write Enable). | | **Clock** | CLK, CKE | System clock and Clock Enable. | | **Power** | VDD, VSS | Power supply (typically 3.3V) and Ground. | --- ### 4. Typical Applications * **Networking:** Used in routers and switches for packet buffering. * **Industrial:** PLCs (Programmable Logic Controllers) and Human-Machine Interfaces (HMI). * **Legacy Systems:** Replacement memory for older PC peripherals or specialized medical equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage requirement for the M8S64FDJ-R?
    • ⤷ How does SDRAM differ from DDR memory in terms of speed?
    • ⤷ What are the common failure modes for TSOP-packaged memory chips?