データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S73TCJ-R

  • AI
    The **M8S73TCJ-R** appears to be a specific manufacturer part number often associated with high-precision crystal oscillators or specialized electronic components used in telecommunications. Below is a detailed breakdown of the electronic characteristics and typical specifications associated with this part series. --- ### 1. Component Overview The M8S series generally refers to **Clock Oscillators** (Fixed Output). These are active components that provide a stable clock signal for microprocessors, FPGAs, and digital circuits. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Type** | Surface Mount Device (SMD) | | **Output Type** | CMOS / TTL | | **Voltage Supply** | Usually 3.3V or 5.0V | | **Stability** | ±25ppm to ±100ppm | --- ### 2. Part Number Deciphering While naming conventions vary by manufacturer (such as MMD or Hosonic), the string "M8S73TCJ" can generally be broken down as follows: * **M8S:** The Series identifier (often 5x7mm or 3.2x5mm package size). * **73:** Often represents the operating voltage (e.g., 3.3V). * **T:** Temperature Range (Standard Industrial: -40°C to +85°C). * **C:** Symmetry/Duty Cycle (e.g., 45/55%). * **J:** Frequency Stability marker. * **-R:** Indicates "RoHS Compliant" or "Tape & Reel" packaging. --- ### 3. Pin Configuration For standard M8S SMD oscillators, the pinout follows a universal 4-pad pattern: | Pad # | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state) or No Connection | | **2** | GND | Ground connection | | **3** | Output | The generated clock signal (Square Wave) | | **4** | Vdd | Positive Power Supply | --- ### 4. Technical Key Features * **Tri-State Function:** Pad 1 allows the output to go into a high-impedance state, which is useful for testing or power-saving modes. * **Low Phase Jitter:** Designed for high-speed data applications to ensure timing accuracy. * **Durability:** Usually hermetically sealed in a ceramic package with a metal lid to protect against humidity and vibration. --- ### 5. Common Applications * **Networking:** Ethernet switches and routers. * **Embedded Systems:** Providing the heartbeat for ARM or AVR microcontrollers. * **Storage:** Fiber Channel and SATA controllers. * **Industrial:** PLC (Programmable Logic Controllers) and automation sensors.
    ✨ Follow-up Questions
    • ⤷What is the specific frequency rating for the M8S73TCJ-R?
    • ⤷ Can this part be used in automotive grade environments?
    • ⤷ How does 'Tri-state' functionality work in this oscillator?