データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S74FDJ-R

  • AI
    The **M8S74FDJ-R** belongs to a specific category of passive electronic components, typically identifying as a **High-Current Power Inductor** (often associated with manufacturers like Cyntec or similar power-module specialists). These components are critical in modern power management systems for high-density computing. --- ### 1. Component Overview This part is a surface-mount device (SMD) designed for **DC-DC converters** and **Voltage Regulator Modules (VRM)**. It is engineered to handle high current while maintaining a small physical footprint. ### 2. Key Technical Specifications While exact specs can vary by manufacturer series, the "M8S" series generally follows these parameters: | Parameter | typical Range / Value | Description | |:---|:---|:---| | **Inductance** | 0.10µH - 1.0µH | Low inductance for high-speed switching. | | **Current Rating (Isat)** | 30A - 70A+ | High saturation current to prevent core loss. | | **DCR (DC Resistance)** | < 1.0 mΩ | Extremely low resistance to minimize heat. | | **Material** | Metal Alloy / Carbonyl Iron | Composite core for soft saturation characteristics. | | **Mounting Type** | SMD / SMT | Designed for automated PCB assembly. | --- ### 3. Structural Features * **Molded Construction:** The internal coil is encapsulated in a metallic magnetic powder. This design provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI). * **Low Buzz Noise:** The solid molded structure prevents physical vibration of the coils, eliminating the "acoustic noise" often found in traditional inductors. * **Thermal Stability:** Designed to operate in high-temperature environments (up to 125°C or 150°C) common in server CPUs and GPUs. --- ### 4. Typical Applications The M8S74FDJ-R is primarily found in high-performance electronics where power efficiency is a priority: 1. **Server & Data Centers:** Used in multi-phase buck converters for high-end processors. 2. **Graphics Cards (GPUs):** High-current delivery for video memory and core power. 3. **Laptop Power Rails:** Compact height profiles allow for thin device integration. 4. **FPGA Power Supplies:** Providing stable, low-ripple current to logic gates. --- ### 5. Identification Logic (Part Number Breakdown) * **M8S:** Series designation (often indicating the physical size/frame). * **74:** Dimensions (e.g., 7.0mm x 4.0mm or similar footprint code). * **FDJ:** Internal material/process code or tolerance spec. * **-R:** Usually signifies "RoHS Compliant" or "Tape and Reel" packaging.
    ✨ Follow-up Questions
    • ⤷What are the specific physical dimensions of the M8S74 series?
    • ⤷ How does a molded power inductor differ from a wire-wound ferrite inductor?
    • ⤷ Which manufacturers are the primary sources for the M8S74FDJ-R?