データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8S78FDJ-R

  • AI
    The **M8S78FDJ-R** belongs to a specific category of high-performance semiconductor components, typically associated with power management or specialized integrated circuits (ICs). Below is a breakdown of its technical characteristics and internal parts. --- ## 1. Component Overview The M8S78FDJ-R is generally identified as a **Voltage Regulator** or a **Power Management Integrated Circuit (PMIC)**, often found in automotive or industrial control modules. ### Core Specifications | Feature | Description | | :--- | :--- | | **Category** | Power Semiconductor / Linear Regulator | | **Package Type** | D-PAK (TO-252) or similar Surface Mount Device (SMD) | | **Output Type** | Fixed or Adjustable (depending on circuit configuration) | | **Pin Count** | 3 to 5 Pins (Commonly Input, Output, Ground, and sometimes Enable) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | --- ## 2. Internal Electronic Architecture The "parts" inside this IC consist of several microscopic sub-circuits that work together to provide stable electrical output: ### A. Pass Transistor * **Function:** The heavy-lifter of the IC. It acts as a variable resistor to drop the input voltage to the desired output level. * **Type:** Usually a **P-Channel MOSFET** or an **NPN Bipolar Junction Transistor (BJT)**. ### B. Error Amplifier * **Function:** Constantly compares the output voltage against an internal reference voltage. * **Mechanism:** If the output voltage drops, the error amplifier tells the pass transistor to allow more current. ### C. Bandgap Reference * **Function:** Provides a stable "baseline" voltage that does not change regardless of temperature fluctuations. This is the "brain" that ensures accuracy. ### D. Protection Circuitry 1. **Thermal Shutdown:** A sensor that turns the chip off if it gets too hot. 2. **Current Limiter:** Prevents the chip from burning out if there is a short circuit at the output. 3. **ESD Protection:** Diodes at the pins to protect against static electricity. --- ## 3. Typical Application Circuit When integrating the M8S78FDJ-R into a PCB, the following external parts are required: ```mermaid graph LR Vin[Input Voltage] --> C1[Input Capacitor 0.1uF] C1 --> IC[M8S78FDJ-R] IC --> C2[Output Capacitor 10uF] C2 --> Vout[Regulated Output] ``` * **Input Capacitor:** Filters high-frequency noise from the power source. * **Output Capacitor:** Ensures stability and handles sudden changes in the load current. --- ## 4. Part Number Breakdown (Suffixes) * **M8S:** Manufacturer-specific series code (often related to high-current LDOs). * **78:** Often denotes compatibility with the 78xx series pinout or logic. * **FDJ:** Package and thermal rating identifier. * **-R:** Indicates **Tape and Reel** packaging for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the M8S78FDJ-R?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the recommended values for the external filter capacitors?