データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8TS-566-R

  • AI
    The **M8TS-566-R** is a specific surface-mount (SMT) common mode choke manufactured by **Coilcraft**. It is designed primarily for noise suppression in high-speed differential signal lines. --- ### Technical Specifications The following table highlights the core electrical characteristics of the M8TS-566-R: | Parameter | Value | Notes | | :--- | :--- | :--- | | **Inductance** | 56 µH | Typical value at 100 kHz | | **DC Resistance (DCR)** | 0.55 Ohms | Maximum per winding | | **Rated Current** | 500 mA | Maximum current capacity | | **Voltage Rating** | 80 Vrms | Working voltage | | **Operating Temp** | -40°C to +125°C | AEC-Q200 Grade 1 qualified | | **Termination** | Silver-palladium-platinum | RoHS compliant | --- ### Core Electronic Functions #### 1. Common Mode Noise Suppression The primary role of this part is to act as a low-pass filter for **Common Mode** signals (noise that travels in the same direction on both lines) while allowing **Differential Mode** signals (the actual data) to pass through with minimal attenuation. #### 2. Magnetic Coupling The device consists of two windings on a single ferrite core. * **Differential Signals:** The magnetic fields created by the two lines cancel each other out, resulting in low impedance. * **Common Mode Noise:** The magnetic fields add together, creating high impedance that blocks the noise. #### 3. Signal Integrity Because it is designed for high-frequency applications, it maintains signal integrity for protocols like: * CAN-Bus (Controller Area Network) * FlexRay * Ethernet lines in automotive environments --- ### Physical Dimensions The "M8TS" series typically utilizes a compact footprint to save PCB real estate: * **Length:** ~5.0 mm * **Width:** ~3.6 mm * **Height:** ~2.5 mm --- ### Typical Application Circuit ```spice // Simplified representation of M8TS-566-R in a CAN-Bus line [Transceiver High] ----(Winding A)---- [CAN_H Line] [Transceiver Low ] ----(Winding B)---- [CAN_L Line] ^ (Common Mode Choke) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M8TS and the M8T series?
    • ⤷ Can this part be used in automotive power supply filtering?
    • ⤷ How does the 56uH inductance value affect the cutoff frequency?