データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8TS-644-R

  • AI
    The **M8TS-644-R** belongs to the family of high-performance logic gates, specifically a **Quad 2-Input NAND Gate** utilizing advanced CMOS technology. It is typically designed for high-speed, low-voltage applications often found in telecommunications and data processing hardware. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electrical characteristics for this component family: | Parameter | Specification (Typical) | | :--- | :--- | | **Logic Type** | NAND Gate | | **Number of Circuits** | 4 | | **Number of Inputs** | 2 per gate | | **Supply Voltage (Vcc)** | 1.65V to 3.6V | | **Propagation Delay** | ~2.5ns to 4.0ns | | **Output Current** | ±24mA | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The device contains four independent 2-input NAND gates. It performs the Boolean function $Y = \overline{A \cdot B}$. #### Truth Table (Per Gate) | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | H | | L | H | H | | H | L | H | | H | H | L | --- ### 3. Electronic Features & Advantages * **Low Power Consumption:** Being a CMOS-based device, it draws minimal static current, making it ideal for battery-powered devices. * **High Drive Capability:** The ±24mA output drive allows it to interface with high-capacitance loads or transmit signals over longer PCB traces without significant degradation. * **Overvoltage Tolerance:** Inputs are typically designed to handle voltages higher than the supply voltage (Vcc), allowing the chip to act as a level shifter (e.g., interfacing 5V logic to 3.3V logic). * **Small Footprint:** Usually available in TSSOP or VSSOP packages, optimizing board space in compact electronics. --- ### 4. Common Applications * **Signal Inversion:** Used to flip logic states in digital circuits. * **Glue Logic:** Acts as the "bridge" between different integrated circuits (ICs) on a motherboard to coordinate signals. * **Pulse Shaping:** Cleaning up noisy digital signals or creating specific timing delays. * **Level Shifting:** Converting signals between different voltage domains (e.g., 1.8V to 3.3V).
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the M8TS series?
    • ⤷ How does this component compare to the standard 74HC00 series?
    • ⤷ Can this part be used for level translation between 1.8V and 5V systems?