データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8TS-N44-R/SK

  • AI
    The **M8TS-N44-R/SK** is a specialized precision mechanical/electronic switch component, typically categorized as a **Touch Switch** or **Limit Switch** used in high-precision industrial automation. These parts are often manufactured by companies like Metrol. ### Component Overview The M8TS series is designed for "touch" sensing, providing high repeatability and a compact form factor for tight spaces. | Feature | Specification Details | | :--- | :--- | | **Model Number** | M8TS-N44-R/SK | | **Type** | Precision Touch Switch (Mechanical Contact) | | **Outer Diameter** | M8 x 0.5 (Metric Thread) | | **Contact Type** | Normally Closed (NC) - Standard for safety/precision | | **Cable Type** | R (Robot Cable/High-flex) | | **Protection Rating** | IP67 (Waterproof/Oil-resistant) | --- ### Key Technical Breakdown #### 1. Mechanical Structure * **Form Factor:** The "M8" designation refers to the threaded barrel body, allowing for easy mounting and fine-tuning of the switch position using nuts. * **Stroke/Pre-travel:** These switches have extremely short travel distances before activation, often in the range of 0.3mm to 0.5mm. * **Repeatability:** Known for ultra-high precision, often within **0.001mm (1 micron)**, making them superior to standard inductive proximity sensors. #### 2. Electrical Characteristics * **Signal Output:** This is a mechanical contact switch. It does not require a power supply to operate (passive), but it is used to interrupt or complete a circuit (usually 24V DC). * **Contact Rating:** Typically rated for low current (e.g., 10mA at 24V DC). It is intended for signal processing (PLC inputs) rather than driving loads directly. #### 3. The "R/SK" Suffix * **R (Robot Cable):** Indicates that the wiring is made of high-flex material, designed to withstand continuous bending in robotic arms or moving CNC axes. * **SK (Special Specification):** Often indicates a customization, such as a specific tip shape (e.g., a ball tip or heat-resistant material) or a specific cable length. --- ### Applications The M8TS series is widely used in: * **CNC Machine Tools:** Tool length offset measurement and workpiece positioning. * **Semiconductor Manufacturing:** Precise wafer positioning. * **Automotive Assembly:** Detecting the presence or alignment of small metal parts. ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for connecting this switch to a PLC?
    • ⤷ How does the repeatability of the M8TS compare to an inductive proximity sensor?
    • ⤷ What are the torque limits for mounting the M8 threaded body?