データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8XT2-2V2Z1-R

  • AI
    The **M8XT2-2V2Z1-R** is a specific technical part number, typically associated with high-density power modules, specifically **Direct-to-Chip** or **Intermediate Bus Converters** used in high-performance computing (AI/GPU servers). These parts are often custom or specialized versions of power delivery components manufactured by companies like Vicor. --- ## 1. Technical Specifications Overview This component belongs to a class of high-efficiency power converters designed to step down voltage with extremely high current density. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | DC-DC Converter / Power Module | | **Input Voltage** | Typically 48V (Standard for Data Centers) | | **Output Voltage** | Low voltage (0.8V - 1.8V range for logic/cores) | | **Mounting Type** | Surface Mount (SMD) | | **Packaging** | Rectangular Module (Z-Configuration) | | **Cooling** | Conductive/Liquid cooling compatible | --- ## 2. Key Electronic Features ### High-Frequency Switching These modules utilize high-frequency switching (often in the MHz range) to minimize the size of passive components like inductors and capacitors. This allows for a very small footprint on the PCB. ### Thermal Management The "R" suffix often denotes compliance or a specific thermal interface. The module is designed with a high thermal conductivity casing, allowing heat to be drawn away from the GPU/CPU it is powering. ### Efficiency & Regulation * **VTM (Voltage Transformation Module):** Often acts as a current multiplier. * **PRM (Regulator):** Works in tandem to provide precise voltage regulation. * **Low Impedance:** Designed to be placed very close to the processor to minimize "last-inch" power loss. --- ## 3. Application Areas These parts are not found in consumer electronics but are critical in industrial and enterprise infrastructure: 1. **AI Accelerators:** Powering NVIDIA or AMD GPUs in server racks. 2. **Hyperscale Data Centers:** Converting 48V distribution bus down to chip-level voltages. 3. **High-Performance Computing (HPC):** Supercomputers requiring thousands of Amperes of current. --- ## 4. Typical Block Diagram Logic ```mermaid graph LR A[48V DC Input] --> B[M8XT Series Module] B --> C[Integrated Inductor/Switching] C --> D[Low Voltage / High Current Output] D --> E[AI Chip / Processor Core] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M8XT2 series?
    • ⤷ Is this part compatible with liquid-cooled server environments?
    • ⤷ What are the specific pinout configurations for the 2V2Z1 variant?