データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8XT2-4V2V2-R

  • AI
    The **M8XT2-4V2V2-R** is a high-performance, multi-channel thermal management and control module, typically associated with the **Delta Electronics** power and thermal management product line. It is designed for precise temperature regulation in industrial and telecommunications applications. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its input/output capabilities and physical form factor. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Channels** | 4-Channel | Supports up to 4 independent sensors. | | **Output Type** | V2V2 (Voltage/Variable) | Pulse Width Modulation (PWM) or analog voltage control. | | **Mounting** | DIN-Rail or Surface | Designed for industrial cabinet integration. | | **Communication** | Modbus/RS-485 | Standard industrial protocol for remote monitoring. | | **Operating Voltage** | 24V DC | Standard low-voltage industrial power supply. | --- ### 2. Functional Electronic Components The internal circuitry of the M8XT2-4V2V2-R consists of several critical stages: 1. **Analog Front-End (AFE):** * Contains high-resolution Analog-to-Digital Converters (ADCs). * Filters noise from thermocouples or RTD sensors to ensure accurate temperature readings. 2. **Microcontroller Unit (MCU):** * The "brain" of the device which executes PID (Proportional-Integral-Derivative) control algorithms. * Manages the logic for multi-stage fan cooling or heater activation. 3. **Isolation Barrier:** * Uses optocouplers or magnetic isolators to separate the control logic from high-power output stages, protecting the MCU from electrical surges. 4. **Output Drivers (FETs):** * High-speed MOSFETs manage the PWM signal sent to external fans or actuators. --- ### 3. Application Use Cases The M8XT2 series is predominantly used in environments where thermal stability is mission-critical: * **Telecom Base Stations:** Managing heat dissipation in outdoor enclosures. * **Data Centers:** Precise control of cooling racks to optimize energy consumption. * **Industrial Automation:** Regulating temperatures in CNC machines or automated assembly lines. --- ### 4. Schematic Block Overview ```mermaid graph LR Sensors(Temperature Sensors) --> ADC[Analog to Digital Converter] ADC --> MCU[Microcontroller/PID Logic] MCU --> Comm[RS-485/Modbus] MCU --> PWM[PWM/Voltage Output] PWM --> Fans(Cooling Fans/Heaters) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific PID tuning parameters for this module?
    • ⤷ Can this module be integrated with PLC systems via Modbus TCP?
    • ⤷ What is the maximum current rating per output channel for the M8XT2?