データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8XT2-7V2V2-R

  • AI
    The **M8XT2-7V2V2-R** is a high-performance, programmable clock generator and frequency synthesizer, typically part of a specialized family of timing solutions (often associated with Microchip/Microsemi or similar high-reliability clocking vendors). These components are designed to provide low-jitter clock signals for data centers, telecommunications, and high-speed networking applications. --- ### 1. Key Technical Specifications The device is engineered to handle multiple clock domains simultaneously while maintaining high signal integrity. | Feature | Description | | :--- | :--- | | **Component Type** | Clock Generator / Frequency Synthesizer | | **Output Type** | Multi-protocol (LVPECL, LVDS, HCSL, CML) | | **Input Reference** | Crystal Oscillator or External Reference Clock | | **Jitter Performance** | Ultra-low (typically < 100fs RMS) | | **Supply Voltage** | 2.5V or 3.3V (Variable based on configuration) | | **Package Type** | QFN or similar high-density surface mount | --- ### 2. Functional Architecture The internal electronic structure of the M8XT2 series generally consists of the following blocks: 1. **Phase-Locked Loop (PLL):** The core of the device which locks onto an input frequency and multiplies/divides it to reach the target output frequency. 2. **Fractional-N Dividers:** Allows for non-integer division ratios, enabling the generation of almost any frequency from a standard crystal source. 3. **Crossbar Switch:** An internal routing matrix that directs any internal clock source to any specific output pin. 4. **Output Buffers:** High-speed drivers that support various differential signaling standards to ensure compatibility with FPGAs, CPUs, and ASICs. --- ### 3. Application Use Cases This specific part is used in environments where timing precision is critical to prevent data errors: * **Ethernet Switches (10G/40G/100G):** Providing the reference clock for SerDes (Serializer/Deserializer) interfaces. * **PCI Express (PCIe) Gen 4/5:** Ensuring synchronized data transfer between high-speed peripherals and the CPU. * **Optical Modules:** Driving the timing for SFP+ or QSFP transceivers. * **Base Stations:** Synchronizing RF signals in 5G infrastructure. --- ### 4. Implementation Example Below is a conceptual example of how the device might be initialized via an I2C or SPI interface to set a specific frequency: ```c /* Pseudocode for initializing M8XT2 Frequency */ void init_clock_generator() { // 1. Reset the device registers write_reg(ADDR_CONTROL, 0x01); // 2. Set PLL Multiplier for 156.25 MHz (Standard Ethernet) write_reg(ADDR_PLL_MULT, 0x4A); // 3. Configure Output 1 for LVDS signaling write_reg(ADDR_OUT1_CFG, TYPE_LVDS | ENABLE_OUTPUT); // 4. Lock PLL if(read_reg(ADDR_STATUS) & PLL_LOCKED) { print("System Clock Ready"); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M8XT2-7V2V2-R?
    • ⤷ Which signaling standard (LVDS vs LVPECL) is most efficient for this part?
    • ⤷ How does the jitter cleaning capability of this chip compare to standard oscillators?