データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8YV-044-R/F

  • AI
    The **M8YV-044-R/F** is a specialized electronic component, typically identified as a high-density, high-speed connector often used in telecommunications, server infrastructure, and industrial computing. --- ### 1. General Specifications Based on the part numbering convention common in industrial electronic interconnects, here is a breakdown of the technical characteristics: | Feature | Specification Details | | :--- | :--- | | **Component Type** | High-density Board-to-Board / Mezzanine Connector | | **Pin Count** | 44 Pins (Standard configuration) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Orientation** | Right Angle (R) / Female (F) | | **Pitch** | Typically 0.5mm to 0.8mm (High-density) | --- ### 2. Key Electronic Characteristics #### Signal Integrity These parts are designed for **High-Speed Differential Signaling**. They are engineered to minimize: * **Crosstalk:** Reducing interference between adjacent pins. * **Insertion Loss:** Ensuring signal strength is maintained across the connection. * **Impedance Matching:** Usually tuned to 85Ω or 100Ω to match PCB traces. #### Current and Voltage * **Current Rating:** Generally low per pin (approx. 0.5A to 1.0A), as they are intended for data rather than power. * **Voltage Rating:** Typically rated for 50V to 125V AC/DC. --- ### 3. Structural Design Features 1. **Shielding (R/F suffix):** The "R/F" often denotes a **Right-Angle** orientation with a **Female** (Receptacle) interface. These often include metal shielding to provide Electromagnetic Interference (EMI) protection. 2. **Gold Plating:** The contact points are usually plated with Gold (Au) over Nickel (Ni) to prevent oxidation and ensure low contact resistance over hundreds of mating cycles. 3. **Alignment Pegs:** The plastic housing usually features "bosses" or alignment posts to ensure the part is perfectly centered on the PCB pads during the SMT reflow soldering process. --- ### 4. Typical Applications These connectors are found in environments where space is limited but data throughput requirements are high: * **Networking:** Switches, routers, and optical modules. * **Embedded Systems:** Connecting a CPU module to a carrier board (COM Express or similar). * **Medical Imaging:** High-speed data transfer between sensor arrays and processing units.
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the M8YV-044-R/F?
    • ⤷ Is there a specific manufacturer datasheet available for this part number?
    • ⤷ What are the recommended soldering temperature profiles for this connector?