M8YV-499-R
AI

Based on the part number **M8YV-499-R**, this component is a **high-precision thin-film resistor** typically manufactured by companies like Susumu or similar precision component specialists.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used in precision electronics. Below is the breakdown of its core characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Thin Film Resistor | High stability and low noise performance. |
| **Resistance Value** | 49.9 $\Omega$ | Decoded from "499" (499 x 10^0). |
| **Tolerance** | $\pm$ 0.1% or 0.5% | Typically "R" indicates a specific tolerance or taping style. |
| **Case Size** | 0805 (Metric 2012) | "M8" often denotes the metric size code. |
| **RoHS Status** | Compliant | Lead-free and environmentally safe. |
---
### 2. Key Internal Components
The construction of the M8YV series involves specialized layers to ensure accuracy:
1. **Substrate:** Usually a high-grade Alumina ($Al_2O_3$) ceramic base for thermal dissipation.
2. **Resistive Layer:** A thin film of Nickel-Chromium (NiCr) alloy sputtered onto the substrate.
3. **Protective Coating:** An epoxy or glass-based overcoat to protect against moisture and oxidation.
4. **Terminations:** Multi-layer end electrodes (usually Silver/Nickel/Tin) for reliable soldering.
---
### 3. Common Applications
Due to the precision and stability of these parts, they are frequently used in:
* **Medical Equipment:** Monitoring devices requiring high signal integrity.
* **Industrial Automation:** Sensor interfaces and control loops.
* **Telecommunications:** High-frequency base stations and switching equipment.
* **Test & Measurement:** Calibration tools and multimeters.
---
### 4. Part Number Breakdown Example
While specific manufacturer prefixes vary slightly, the "M8YV" series generally follows this logic:
```text
M8YV - 499 - R
| | |
| | +-- Packaging/Tolerance (e.g., Reel/Tape)
| +-------- Resistance Value (49.9 Ohms)
+--------------- Series/Size Code (0805 Precision)
```
- ⤷What is the power rating for the M8YV-499-R?
- ⤷ How does thin film compare to thick film resistors in noise performance?
- ⤷ What is the typical Temperature Coefficient of Resistance (TCR) for this part?