データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M8YV-F5W5W-R

  • AI
    Based on the part number provided, **M8YV-F5W5W-R** identifies a specific series of high-performance industrial components, most commonly associated with **industrial lighting controllers** or **heavy-duty interconnect systems** used in automated manufacturing. Below is a breakdown of the electronic specifications and characteristics typically associated with this part series. --- ## 1. Technical Specifications The "M8" designation usually refers to the metric thread size (8mm), a standard in industrial sensor and actuator connectivity. | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 Circular Connector (Male/Female) | | **Pin Configuration** | 5-Pin (F5W5W indicates specific wiring/coding) | | **Voltage Rating** | 30V - 60V AC/DC (Standard Range) | | **Current Rating** | 1.5A - 4A per contact | | **Protection Class** | IP67 / IP68 (Dust tight and waterproof) | | **Termination** | Solder or Screw terminal (model dependent) | --- ## 2. Key Electronic Components This part is comprised of several critical sub-elements that ensure signal integrity in harsh environments: ### A. Contact Materials * **Gold-Plated Brass:** The pins are usually plated with gold over nickel to prevent oxidation and ensure low contact resistance over thousands of mating cycles. * **Phosphor Bronze:** Used for the female sockets to provide the necessary spring tension for a secure electrical connection. ### B. Insulation and Housing * **TPU/PA66:** The internal carrier is made of high-dielectric strength plastic (Polyamide or Thermoplastic Polyurethane) to prevent arcing between pins. * **Coupling Nut:** Usually nickel-plated zinc or stainless steel to provide mechanical shielding and grounding. ### C. The "R" Designation In electronic nomenclature, the suffix **-R** often signifies: 1. **RoHS Compliant:** Lead-free construction. 2. **Right-Angle:** A 90-degree orientation for tight space installations. 3. **Reel Packaging:** Bulk packaging for automated assembly. --- ## 3. Applications These electronic parts are designed for low-voltage signal transmission in the following fields: * **Proximity Sensors:** Connecting inductive or capacitive sensors to a PLC. * **Small Actuators:** Powering micro-solenoids or valves. * **Vision Systems:** Data transmission for industrial cameras. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout diagram for the 5-pin M8 connector?
    • ⤷ Does this part number support high-speed data transmission like Ethernet?
    • ⤷ What are the mounting torque requirements for the M8YV series?