データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M9366-RBN3T

  • AI
    The **M9366-RBN3T** is a specific part number typically associated with high-performance **Magnetic Random Access Memory (MRAM)**, often manufactured by companies like Avalanche Technologies. This type of memory is designed to replace traditional SRAM and Flash in applications requiring extreme reliability. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Memory Type** | STT-MRAM (Spin-Transfer Torque MRAM) | | **Density** | 16Mb (usually associated with this series) | | **Interface** | SPI / QSPI (Serial Peripheral Interface) | | **Operating Voltage** | 1.8V or 3.3V (Varies by sub-model) | | **Temperature Range** | Industrial to Aerospace/Hi-Rel grades | --- ### 2. Core Technologies The "RBN" suffix often denotes specific characteristics regarding the interface and the physical architecture of the chip. * **Non-Volatility:** Unlike SRAM, it retains data without power. * **High Endurance:** It supports virtually unlimited read/write cycles (typically $>10^{14}$ or $10^{16}$ cycles), far exceeding Flash memory. * **Radiation Hardness:** MRAM is inherently resistant to magnetic fields and radiation, making it ideal for aerospace and defense electronics. * **Byte-Addressability:** Unlike NAND flash, which requires block erasing, MRAM can be written at the byte level, significantly reducing software overhead. --- ### 3. Pinout and Connectivity Most MRAM chips in this series utilize a standard 8-pin or 16-pin small outline package (SOIC or WSON). ```cpp // Example of a typical QSPI initialization for MRAM void init_mram() { QSPI_Config.ClockPrescaler = 2; QSPI_Config.FifoThreshold = 4; QSPI_Config.SampleShifting = QSPI_SAMPLE_SHIFTING_HALFCYCLE; // MRAM functions like a very fast, non-volatile SRAM HAL_QSPI_Init(&hqspi); } ``` --- ### 4. Typical Applications 1. **Aerospace & Defense:** Flight data recorders and satellite control systems. 2. **Industrial Automation:** Real-time data logging where power loss is a risk. 3. **Medical Devices:** Storing critical calibration data and patient logs. 4. **Critical Computing:** Buffering for Enterprise SSDs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between MRAM and standard Flash memory?
    • ⤷ Is the M9366-RBN3T compatible with standard SPI libraries?
    • ⤷ What are the power consumption characteristics of this part during a write cycle?