M93C46-RBN3TP
AI

### M93C46-RBN3TP Technical Overview
The **M93C46-RBN3TP** is a 1-Kbit low-voltage serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used for non-volatile storage in applications requiring small amounts of data retention without power.
---
### Core Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Organization** | User-selectable: 64 x 16-bit or 128 x 8-bit |
| **Interface** | MICROWIRE (3-Wire Serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz |
| **Package Type** | SOT-23-6 (indicated by "N3" in the part number) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
---
### Key Pin Functions
Since the M93C46-RBN3TP typically comes in a **SOT-23-6** package, the pinout is compact:
1. **S (Chip Select):** Activates the device when high.
2. **C (Serial Clock):** Synchronizes the data transfer.
3. **D (Serial Data Input):** Receives instructions and data.
4. **Q (Serial Data Output):** Outputs data or "Ready/Busy" status.
5. **VCC:** Power supply.
6. **VSS:** Ground.
7. **ORG (Organization):** Selects internal organization (8-bit or 16-bit). *Note: In 6-pin packages, this may be internally bonded to a specific state.*
---
### Functional Features
* **Self-Timed Write Cycle:** The device includes an internal timer that automatically handles the write duration (typically 5ms).
* **Ready/Busy Status:** During a write cycle, the Data Output (Q) pin can be polled to check if the internal write operation is complete.
* **Data Retention:** Offers more than 40 years of data retention.
* **Endurance:** Rated for more than 1 million write cycles.
* **Sequential Read:** Allows reading the entire memory contents in a single continuous stream.
---
### Part Number Breakdown (M93C46-RBN3TP)
| Code | Meaning |
| :--- | :--- |
| **M93** | STMicroelectronics MICROWIRE Serial EEPROM |
| **C46** | 1-Kbit capacity |
| **-R** | Operating Voltage: 1.8V to 5.5V |
| **B** | Process technology (Variation code) |
| **N3** | SOT-23-6 package |
| **T** | Tape and Reel packaging |
| **P** | ECOPACK2 (RoHS compliant/Lead-free) |
---
### Typical Applications
* **Consumer Electronics:** Storing user settings, volume levels, or channel presets.
* **Industrial:** Storing calibration constants and device identification.
* **Networking:** MAC address storage for network interface cards.
- ⤷
What is the difference between MICROWIRE and SPI interfaces in EEPROMs?
- ⤷ How do I configure the ORG pin for 8-bit vs 16-bit mode in a SOT-23 package?
- ⤷ What are the power consumption levels for this chip in standby mode?